Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L00 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS35L00
Description  2.7 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L00 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS35L00 Datasheet HTML 10Page - Cirrus Logic CS35L00 Datasheet HTML 11Page - Cirrus Logic CS35L00 Datasheet HTML 12Page - Cirrus Logic CS35L00 Datasheet HTML 13Page - Cirrus Logic CS35L00 Datasheet HTML 14Page - Cirrus Logic CS35L00 Datasheet HTML 15Page - Cirrus Logic CS35L00 Datasheet HTML 16Page - Cirrus Logic CS35L00 Datasheet HTML 17Page - Cirrus Logic CS35L00 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
CS35L00
14
DS906A2
DIGITAL INTERFACE SPECIFICATIONS & CHARACTERISTICS
POWER-UP & POWER-DOWN CHARACTERISTICS
Note:
14. Start-Up Time (tstart) refers to the internal start-up time from when SD is released to when the device
is ready to activate the PWM outputs. The total power-up time from SD release to the PWM outputs
becoming active will vary based on the input signal, not exceeding the Start-Up Time + Zero Crossing
Power-Up Timeout (tstart +ttimeout). For more information refer to Section 5.4.
Parameters
Symbol
Min
Max
Units
Input Leakage Current
Iin
-±10
A
Input Capacitance
-10
pF
SD Pulse Width Requirement
1
-
ms
Logic I/Os (Applicable to GAIN_SEL, MODE, and SD)
High-Level Input Voltage
VIH
0.7•VBATT
-
V
Low-Level Input Voltage
VIL
-
0.3•VBATT
V
Parameters
Symbol
Test Conditions
Min
Typ
Max Units
Start-Up Time
(Note 14)
tstart
After “Low” to “High” SD Pin transition edge
-18
-
ms
Zero Crossing Power-Up Timeout
ttimeout No audio input applied
-25
-
ms
Power-Down Time
toff
After “High” to “Low” SD Pin transition edge
-1
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com