Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05050WAST Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05050WAST
Description  6-A, 5-V INPUT NON-ISOLATED WIDE OUTPUT ADJUST POWER MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05050WAST Datasheet(HTML) 4 Page - Texas Instruments

  PTH05050WAST Datasheet HTML 1Page - Texas Instruments PTH05050WAST Datasheet HTML 2Page - Texas Instruments PTH05050WAST Datasheet HTML 3Page - Texas Instruments PTH05050WAST Datasheet HTML 4Page - Texas Instruments PTH05050WAST Datasheet HTML 5Page - Texas Instruments PTH05050WAST Datasheet HTML 6Page - Texas Instruments PTH05050WAST Datasheet HTML 7Page - Texas Instruments PTH05050WAST Datasheet HTML 8Page - Texas Instruments PTH05050WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
DEVICE INFORMATION
Rset + 10 kW
0.8 V
Vout * 0.8 V
*2.49 kW
PTHXX050
(Top View)
1
5
2
3
4
6
PTH05050W
SLTS213D – MAY 2003 – REVISED JUNE 2007
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
Vin
3
The positive input voltage power node to the module, which is referenced to common GND.
Vout
6
The regulated positive power output with respect to the GND node.
This is the common ground connection for the Vin and Vout power connections. It is also the 0 VDC reference for
GND
1
the control inputs.
A 0.05 W 1% resistor must be directly connected between this pin and (GND) to set the output voltage to a value
higher than 0.8 V. The temperature stability of the resistor should be 100 ppm/
°C (or better). The set point range
for the output voltage is from 0.8 V to 3.6 V. The resistor value required for a given output voltage may be
calculated from the following formula. If left open circuit, the output voltage will default to its lowest value. For
further information on output voltage adjustment consult the related application note.
Vo Adjust
5
The specification table gives the preferred resistor values for a number of standard output voltages.
The Inhibit pin is an open-collector/drain negative logic input that is referenced to GND. Applying a low-level
ground signal to this input disables the module’s output and turns off the output voltage. When the Inhibit control is
Inhibit(1)
4
active, the input current drawn by the regulator is significantly reduced. If the Inhibit pin is left open-circuit, the
module will produce an output whenever a valid input source is applied.
This is an analog control input that enables the output voltage to follow an external voltage. This pin becomes
active typically 20 ms after the input voltage has been applied, and allows direct control of the output voltage from
0 V up to the nominal set-point voltage. Within this range the output will follow the voltage at the Track pin on a
Track
2
volt-for-volt basis. When the control voltage is raised above this range, the module regulates at its set-point
voltage. The feature allows the output voltage to rise simultaneously with other modules powered from the same
input bus. If unused, this input should be connected to Vin.
Note: Due to the under-voltage lockout feature, the output of the module cannot follow its own input voltage during
power up. For more information, consult the related application note.
(1)
Denotes negative logic:
Open = Normal operation
Ground = Function active
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com