Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05050WAST Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05050WAST
Description  6-A, 5-V INPUT NON-ISOLATED WIDE OUTPUT ADJUST POWER MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05050WAST Datasheet(HTML) 3 Page - Texas Instruments

  PTH05050WAST Datasheet HTML 1Page - Texas Instruments PTH05050WAST Datasheet HTML 2Page - Texas Instruments PTH05050WAST Datasheet HTML 3Page - Texas Instruments PTH05050WAST Datasheet HTML 4Page - Texas Instruments PTH05050WAST Datasheet HTML 5Page - Texas Instruments PTH05050WAST Datasheet HTML 6Page - Texas Instruments PTH05050WAST Datasheet HTML 7Page - Texas Instruments PTH05050WAST Datasheet HTML 8Page - Texas Instruments PTH05050WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH05050W
SLTS213D – MAY 2003 – REVISED JUNE 2007
T
A = 25°C; VI = 5 V; VO = 3.3 V; CI = 100 µF, CO1 = 0 µF, CO2 = 0 µF, and Io = Iomax (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH05050W
UNIT
MIN
TYP
MAX
IO
Output current
0.8 V
≤ V
O≤ 3.6 V
85
°C, natural convection
0
6(1)
A
VI
Input voltage range
Over IO range
4.5
5.5
V
VOadj
Output adjust range
Over IO range
0.8
3.6
V
VOtol
Set-point voltage tolerance
±2(2)
%Vo
∆Reg
temp
Temperature variation
–40
°C < T
A < 85°C
±0.5
%Vo
∆Reg
line
Line regulation
Over VI range
±10
mV
∆Reg
load
Load regulation
Over IO range
±12
mV
∆Reg
tot
Total output variation
Includes set-point, line, load, –40
°C ≤ T
A ≤ 85°C
±3(2)
%Vo
RSET = 698 Ω, Vo = 3.3 V
95%
RSET = 2.21 kΩ, Vo = 2.5 V
93%
RSET = 4.12 kΩ, Vo = 2.0 V
91%
η
Efficiency
IO = 4 A
RSET = 5.49 kΩ, Vo = 1.8 V
90%
RSET = 8.87 kΩ, Vo = 1.5 V
89%
RSET = 17.4 kΩ, Vo = 1.2 V
87%
RSET = 36.5 kΩ, Vo = 1.0 V
85%
Vr
Vo ripple (pk-pk)
20 MHz bandwidth, Co2 = 10 µF ceramic
20(3)
mVpp
IOtrip
Over-current threshold
Reset, followed by auto-recovery
12
A
ttr
1 A/µs load step,
Recovery time
70
µSec
Transient response
50 to 100% IOmax,
Vo over/undershoot
100
mV
∆V
tr
CO1 = 100 µF
IILtrack
Track input current (pin 2)
Pin to GND
–130(4)
µA
dVtrack/dt
Track slew rate capability
CO≤ CO(max)
1
V/ms
VI increasing
4.3
4.45
UVLO
Under-voltage lockout
V
VI decreasing
3.4
3.7
VIH
Input high voltage, Referenced to GND
Open(4)
V
VIL
Inhibit Control (pin 4)
Input low voltage, Referenced to GND
–0.2
0.6
IIL inhibit
Input low current, Pin 4 to GND
130
µA
Iin inh
Input standby current
Inhibit (pin 4) to GND, Track (pin 2) open
10
mA
f s
Switching frequency
Over VI and IO ranges
550
600
650
kHz
CI
External input capacitance
100(5)
µF
Non-ceramic
0
100(6)
3300(7)
Capacitance value
µF
CO1, CO2
External output capacitance
Ceramic
0
300
Equivalent series resistance (non-ceramic)
4(8)
m
Ω
6
MTBF
Reliability
Per Bellcore TR-332, 50% stress, TA = 40°C, ground benign
106 Hrs
(1)
No derating is required when the module is soldered directly to a 4-layer PCB with 1 oz. copper.
(2)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/
°C or better temperature stability.
(3)
The pk-pk output ripple voltage is measured with an external 10 µF ceramic capacitor. See the standard application schematic.
(4)
This control pin has an internal pull-up to the input voltage. If it is left open-circuit the module will operate when input power is applied. A
small, low leakage (<100 nA) MOSFET or open-drain/collector voltage supervisor IC is recommended for control. Do not place an
external pull-up on this pin. For further information, consult the related application note.
(5)
A 100 µF input capacitor are required for proper operation. The capacitor must be rated for a minimum of 300 mA rms of ripple current.
(6)
An external output capacitor is not required for basic operation. Adding 100 µF of distributed capacitance at the load will improve the
transient response.
(7)
This is the calculated maximum. The minimum ESR limitation will often result in a lower value. When controlling the Track pin using a
voltage supervisor, CO(max) is reduced to 2200 µF. Consult the application notes for further guidance.
(8)
This is the typical ESR for all the electrolytic (non-ceramic) output capacitance. Use 7 m
Ω as he minimum when using max-ESR values
to calculate.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com