Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05050WAST Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05050WAST
Description  6-A, 5-V INPUT NON-ISOLATED WIDE OUTPUT ADJUST POWER MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05050WAST Datasheet(HTML) 2 Page - Texas Instruments

  PTH05050WAST Datasheet HTML 1Page - Texas Instruments PTH05050WAST Datasheet HTML 2Page - Texas Instruments PTH05050WAST Datasheet HTML 3Page - Texas Instruments PTH05050WAST Datasheet HTML 4Page - Texas Instruments PTH05050WAST Datasheet HTML 5Page - Texas Instruments PTH05050WAST Datasheet HTML 6Page - Texas Instruments PTH05050WAST Datasheet HTML 7Page - Texas Instruments PTH05050WAST Datasheet HTML 8Page - Texas Instruments PTH05050WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
1
1
2
3
4
PTH05050W
6
5
C
IN
100 mF
(Required)
R
SET
1%, 0.1 W
(Required)
C
O1
100 mF
Electrolytic
(Optional)
+
+
C
O2
10 mF
Ceramic
(Optional)
V
OUT
GND
GND
Inhibit
V
IN
Track
ABSOLUTE MAXIMUM RATINGS
PTH05050W
SLTS213D – MAY 2003 – REVISED JUNE 2007
STANDARD APPLICATION
A.
Resistor RSET is required to set the output voltage to a value higher than 0.8 V. See Specification Table for values.
B.
Capacitor CIN is required (100 µF).
C.
Capacitor CO1 is optional (100 µF).
D.
Capacitor CO2 is optional (10 µF). Ceramic capacitance can be added to reduce output ripple.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
voltages are with respect to GND
UNIT
Vtrack
Track input voltage
–0.3 V to VI +0.3 V
TA
Operating temperature
Over VI range
–40
°C to 85°C(1)
range
Surface temperature of module body or pins
AH & AD suffix
260
°C
Twave
Wave solder temperature
(5 seconds)
AS suffix
235
°C (2)
Treflow
Solder reflow temperature
Surface temperature of module body or pins
AZ suffix
260
°C (2)
Ts
Storage temperature
–55
°C to 125°C(3)
Mechanical shock
Per Mil-STD-883D, Method 2002.3, 1 msec, 1/2 Sine, mounted
500 G
Mechanical vibration
Mil-STD-883D, Method 2007.2, 20-2000 Hz
20 G
Weight
2.9 grams
Flammability
Meets UL94V-O
(1)
For operation below 0
°C the external capacitors must have stable characteristics. Use either a low ESR tantalum, OS-CON, or ceramic
capacitor.
(2)
During soldering of surface mount package versions, do not elevate peak temperature of the module, pins or internal components above
the stated maximum.
(3)
The shipping tray or tape and reel cannot be used to bake parts at temperatures higher than 65
°C.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com