Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1111 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC1111
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC1111 Datasheet HTML 1Page - NXP Semiconductors LPC1111 Datasheet HTML 2Page - NXP Semiconductors LPC1111 Datasheet HTML 3Page - NXP Semiconductors LPC1111 Datasheet HTML 4Page - NXP Semiconductors LPC1111 Datasheet HTML 5Page - NXP Semiconductors LPC1111 Datasheet HTML 6Page - NXP Semiconductors LPC1111 Datasheet HTML 7Page - NXP Semiconductors LPC1111 Datasheet HTML 8Page - NXP Semiconductors LPC1111 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
LPC1111_12_13_14_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2010
2 of 59
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
Serial interfaces:
UART with fractional baud rate generation, internal FIFO, and RS-485 support.
Two SPI controllers with SSP features and with FIFO and multi-protocol
capabilities (second SPI on LQFP48 and PLCC44 packages only).
I2C-bus interface supporting full I2C-bus specification and Fast-mode Plus with a
data rate of 1 Mbit/s with multiple address recognition and monitor mode.
Clock generation:
12 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used
as a system clock.
Crystal oscillator with an operating range of 1 MHz to 25 MHz.
Programmable watchdog oscillator with a frequency range of 7.8 kHz to 1.8 MHz.
PLL allows CPU operation up to the maximum CPU rate without the need for a
high-frequency crystal. May be run from the system oscillator or the internal RC
oscillator.
Clock output function with divider that can reflect the system oscillator clock, IRC
clock, CPU clock, and the Watchdog clock.
Power control:
Integrated PMU (Power Management Unit) to minimize power consumption during
Sleep, Deep-sleep, and Deep power-down modes.
Three reduced power modes: Sleep, Deep-sleep, and Deep power-down.
Processor wake-up from Deep-sleep mode via a dedicated start logic using up to
13 of the functional pins.
Power-On Reset (POR).
Brownout detect with four separate thresholds for interrupt and forced reset.
Unique device serial number for identification.
Single 3.3 V power supply (1.8 V to 3.6 V).
Available as 48-pin LQFP package, 33-pin HVQFN package, and 44-pin PLCC
package.
3.
Applications
4.
Ordering information
eMetering
Lighting
Alarm systems
White goods
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC1111FHN33/101
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
× 7 × 0.85 mm
n/a
LPC1111FHN33/201
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
× 7 × 0.85 mm
n/a
LPC1112FHN33/101
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
× 7 × 0.85 mm
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com