Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1111 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC1111
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC1111 Datasheet HTML 1Page - NXP Semiconductors LPC1111 Datasheet HTML 2Page - NXP Semiconductors LPC1111 Datasheet HTML 3Page - NXP Semiconductors LPC1111 Datasheet HTML 4Page - NXP Semiconductors LPC1111 Datasheet HTML 5Page - NXP Semiconductors LPC1111 Datasheet HTML 6Page - NXP Semiconductors LPC1111 Datasheet HTML 7Page - NXP Semiconductors LPC1111 Datasheet HTML 8Page - NXP Semiconductors LPC1111 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
LPC1111_12_13_14_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2010
3 of 59
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
[1]
Sampling Q3 2010.
4.1 Ordering options
[1]
Sampling Q3 2010.
LPC1112FHN33/201
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
× 7 × 0.85 mm
n/a
LPC1113FHN33/201
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
× 7 × 0.85 mm
n/a
LPC1113FHN33/301
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
× 7 × 0.85 mm
n/a
LPC1114FHN33/201
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
× 7 × 0.85 mm
n/a
LPC1114FHN33/301
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
× 7 × 0.85 mm
n/a
LPC1113FBD48/301
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
× 7 ×
1.4 mm
sot313-2
LPC1114FBD48/301
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
× 7 ×
1.4 mm
sot313-2
LPC1114FA44/301[1]
PLCC44
PLCC44; plastic leaded chip carrier; 44 leads
sot187-2
Table 1.
Ordering information …continued
Type number
Package
Name
Description
Version
Table 2.
Ordering options
Type number
Flash
Total
SRAM
UART
RS-485
I2C/
Fast+
SPI
ADC
channels
Package
LPC1111
LPC1111FHN33/101
8 kB
2 kB
1
1
1
8
HVQFN33
LPC1111FHN33/201
8 kB
4 kB
1
1
1
8
HVQFN33
LPC1112
LPC1112FHN33/101
16 kB
2 kB
1
1
1
8
HVQFN33
LPC1112FHN33/201
16 kB
4 kB
1
1
1
8
HVQFN33
LPC1113
LPC1113FHN33/201
24 kB
4 kB
1
1
1
8
HVQFN33
LPC1113FHN33/301
24 kB
8 kB
1
1
1
8
HVQFN33
LPC1113FBD48/301
24 kB
8 kB
1
1
2
8
LQFP48
LPC1114
LPC1114FHN33/201
32 kB
4 kB
1
1
1
8
HVQFN33
LPC1114FHN33/301
32 kB
8 kB
1
1
1
8
HVQFN33
LPC1114FBD48/301
32 kB
8 kB
1
1
2
8
LQFP48
LPC1114FA44/301
32 kB
8 kB
1
1
2
8
PLCC44[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com