Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1111 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC1111
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC1111 Datasheet HTML 9Page - NXP Semiconductors LPC1111 Datasheet HTML 10Page - NXP Semiconductors LPC1111 Datasheet HTML 11Page - NXP Semiconductors LPC1111 Datasheet HTML 12Page - NXP Semiconductors LPC1111 Datasheet HTML 13Page - NXP Semiconductors LPC1111 Datasheet HTML 14Page - NXP Semiconductors LPC1111 Datasheet HTML 15Page - NXP Semiconductors LPC1111 Datasheet HTML 16Page - NXP Semiconductors LPC1111 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
LPC1111_12_13_14_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2010
13 of 59
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
PIO1_7/TXD/
CT32B0_MAT1
4[2]
I/O
PIO1_7 — General purpose digital input/output pin.
O
TXD — Transmitter output for UART.
O
CT32B0_MAT1 — Match output 1 for 32-bit timer 0.
PIO1_8/CT16B1_CAP0
13[2]
I/O
PIO1_8 — General purpose digital input/output pin.
I
CT16B1_CAP0 — Capture input 0 for 16-bit timer 1.
PIO1_9/CT16B1_MAT0
21[2]
I/O
PIO1_9 — General purpose digital input/output pin.
O
CT16B1_MAT0 — Match output 0 for 16-bit timer 1.
PIO1_10/AD6/
CT16B1_MAT1
34[4]
I/O
PIO1_10 — General purpose digital input/output pin.
I
AD6 — A/D converter, input 6.
O
CT16B1_MAT1 — Match output 1 for 16-bit timer 1.
PIO1_11/AD7
44[4]
I/O
PIO1_11 — General purpose digital input/output pin.
I
AD7 — A/D converter, input 7.
PIO2_0 to PIO2_11
I/O
Port 2 — Port 2 is a 12-bit I/O port with individual direction and function
controls for each bit. The operation of port 2 pins depends on the function
selected through the IOCONFIG register block.
PIO2_0/DTR/SSEL1
6[2]
I/O
PIO2_0 — General purpose digital input/output pin.
O
DTR — Data Terminal Ready output for UART.
O
SSEL1 — Slave Select for SPI1.
PIO2_1/DSR/SCK1
17[2]
I/O
PIO2_1 — General purpose digital input/output pin.
I
DSR — Data Set Ready input for UART.
I/O
SCK1 — Serial clock for SPI1.
PIO2_2/DCD/MISO1
30[2]
I/O
PIO2_2 — General purpose digital input/output pin.
I
DCD — Data Carrier Detect input for UART.
I/O
MISO1 — Master In Slave Out for SPI1.
PIO2_3/RI/MOSI1
40[2]
I/O
PIO2_3 — General purpose digital input/output pin.
I
RI — Ring Indicator input for UART.
I/O
MOSI1 — Master Out Slave In for SPI1.
PIO2_4
23[2]
I/O
PIO2_4 — General purpose digital input/output pin.
PIO2_5
24[2]
I/O
PIO2_5 — General purpose digital input/output pin.
PIO2_6
5[2]
I/O
PIO2_6 — General purpose digital input/output pin.
PIO2_7
15[2]
I/O
PIO2_7 — General purpose digital input/output pin.
PIO2_8
16[2]
I/O
PIO2_8 — General purpose digital input/output pin.
PIO2_9
28[2]
I/O
PIO2_9 — General purpose digital input/output pin.
PIO2_10
29[2]
I/O
PIO2_10 — General purpose digital input/output pin.
PIO2_11/SCK0
35[2]
I/O
PIO2_11 — General purpose digital input/output pin.
I/O
SCK0 — Serial clock for SPI0.
PIO3_0 to PIO3_5
I/O
Port 3 — Port 3 is a 12-bit I/O port with individual direction and function
controls for each bit. The operation of port 3 pins depends on the function
selected through the IOCONFIG register block. Pins PIO3_0 to PIO3_3 and
PIO3_6 to PIO3_11 are not available.
PIO3_4
22[2]
I/O
PIO3_4 — General purpose digital input/output pin.
PIO3_5
25[2]
I/O
PIO3_5 — General purpose digital input/output pin.
Table 4.
LPC1114 pin description table (PLCC44 package) …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com