Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4901-E/MS Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP4901-E/MS
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4901-E/MS Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP4901-E/MS Datasheet HTML 23Page - Microchip Technology MCP4901-E/MS Datasheet HTML 24Page - Microchip Technology MCP4901-E/MS Datasheet HTML 25Page - Microchip Technology MCP4901-E/MS Datasheet HTML 26Page - Microchip Technology MCP4901-E/MS Datasheet HTML 27Page - Microchip Technology MCP4901-E/MS Datasheet HTML 28Page - Microchip Technology MCP4901-E/MS Datasheet HTML 29Page - Microchip Technology MCP4901-E/MS Datasheet HTML 30Page - Microchip Technology MCP4901-E/MS Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
 2010 Microchip Technology Inc.
DS22248A-page 27
MCP4901/4911/4921
6.0
TYPICAL APPLICATIONS
The MCP4901/4911/4921 family devices are general
purpose DACs intended to be used in applications
where
precision
with
low-power
and
moderate
bandwidth is required.
Applications generally suited for the devices are:
• Set Point or Offset Trimming
• Sensor Calibration
• Digitally-Controlled Multiplier/Divider
• Portable Instrumentation (Battery Powered)
• Motor Control Feedback Loop
6.1
Digital Interface
The MCP4901/4911/4921 devices utilize a 3-wire
synchronous serial protocol to transfer the DAC’s setup
and output values from the digital source. The serial
protocol can be interfaced to SPI or Microwire periph-
erals that are common on many microcontrollers,
including Microchip’s PIC® MCUs and dsPIC® DSCs.
In addition to the three serial connections (CS, SCK
and SDI), the LDAC pin synchronizes the analog output
(VOUT) with the pin event. By bringing the LDAC pin
down “low”, the DAC input code and settings in the
input register are latched into the output register, and
the analog output is updated. Figure 6-1 shows an
example of the pin connections. Note that the LDAC pin
can be tied low (VSS) to reduce the required
connections from 4 to 3 I/O pins. In this case, the DAC
output can be immediately updated when a valid
16-clock transmission has been received and CS pin
has been raised.
6.2
Power Supply Considerations
The typical application will require a bypass capacitor
in order to filter high-frequency noise. The noise can be
induced onto the power supply's traces from various
events such as digital switching or as a result of
changes on the DAC's output. The bypass capacitor
helps to minimize the effect of these noise sources.
Figure 6-1 illustrates an appropriate bypass strategy. In
this example, two bypass capacitors are used in
parallel: (a) 0.1 µF (ceramic) and (b) 10 µF (tantalum).
These capacitors should be placed as close to the
device power pin (VDD) as possible (within 4 mm).
The power source supplying these devices should be
as clean as possible. If the application circuit has
separate digital and analog power supplies, VDD and
VSS should reside on the analog plane.
FIGURE 6-1:
Typical Connection
Diagram.
6.3
Layout Considerations
Inductively-coupled AC transients and digital switching
noises can degrade the input and output signal
integrity, potentially reducing the device’s performance.
Careful board layout will minimize these effects and
increase the Signal-to-Noise Ratio (SNR). Bench test-
ing has shown that a multi-layer board utilizing a
low-inductance ground plane, isolated inputs, and
isolated outputs with proper decoupling, is critical for
best performance. Particularly harsh environments
may require shielding of critical signals.
Breadboards
and
wire-wrapped
boards
are
not
recommended if low noise is desired.
VDD
VDD
VDD
AVSS
AVSS
VSS
VREF
VOUT
VREF
VOUT
SDI
SDI
CS1
SDO
SCK
LDAC
CS0
C1
C1
C2
C2
C1
C1 = 10 µF
C2 = 0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com