Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4901-E/MS Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP4901-E/MS
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4901-E/MS Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP4901-E/MS Datasheet HTML 28Page - Microchip Technology MCP4901-E/MS Datasheet HTML 29Page - Microchip Technology MCP4901-E/MS Datasheet HTML 30Page - Microchip Technology MCP4901-E/MS Datasheet HTML 31Page - Microchip Technology MCP4901-E/MS Datasheet HTML 32Page - Microchip Technology MCP4901-E/MS Datasheet HTML 33Page - Microchip Technology MCP4901-E/MS Datasheet HTML 34Page - Microchip Technology MCP4901-E/MS Datasheet HTML 35Page - Microchip Technology MCP4901-E/MS Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
MCP4901/4911/4921
DS22248A-page 32
 2010 Microchip Technology Inc.
6.7
Designing a Double-Precision
DAC
Example 6-5 illustrates how to design a single-supply
voltage output capable of up to 24-bit resolution by
using 12-bit DACs. This design is simply a voltage
divider with a buffered output.
As an example, if a similar application to the one
developed
in
Section 6.5.1
“Design
Example:
Design a bipolar dac using example 6-3 with 12-bit
MCP4912 or MCP4922” required a resolution of 1 µV
instead of 1 mV and a range of 0V to 4.1V, then 12-bit
resolution would not be adequate.
1.
Calculate the resolution needed:
4.1V/1 µV = 4.1x 106. Since 222 = 4.2 x 106,
22-bit resolution is desired. Since DNL = ±0.75
LSB, this design can be done with the MCP4921
or MCP4922.
2.
Since the DACB‘s VOUTB has a resolution of
1 mV, its output only needs to be “pulled” 1/1000
to meet the 1 µV target. Dividing VOUTA by 1000
would allow the application to compensate for
DACB’s DNL error.
3.
If R2 is 100, then R1 needs to be 100 k.
4.
The resulting transfer function is not perfectly
linear, as shown in the equation of Example 6-5.
EXAMPLE 6-5:
SIMPLE, DOUBLE PRECISION DAC WITH MCP4921 OR MCP4922.
VREF
DACB
VDD
R2
DACA
VDD
R1
DACA (Fine Adjust)
DACB (Course Adjust)
SPI
3
R1 >> R2
V
O
V
OUTAR2
V
OUTBR1
+
R
1
R
2
+
-----------------------------------------------------
=
G = Gain selection (1x or 2x)
D = Digital value of DAC (0-4096)
0.1 µF
VCC+
VCC–
V
OUTA
V
REFA GA
D
A
2
12
-------
=
V
OUTB
V
REFB GB
D
B
2
12
-------
=
VOUTA
VOUTB
VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com