Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4901-E/MS Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP4901-E/MS
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4901-E/MS Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP4901-E/MS Datasheet HTML 13Page - Microchip Technology MCP4901-E/MS Datasheet HTML 14Page - Microchip Technology MCP4901-E/MS Datasheet HTML 15Page - Microchip Technology MCP4901-E/MS Datasheet HTML 16Page - Microchip Technology MCP4901-E/MS Datasheet HTML 17Page - Microchip Technology MCP4901-E/MS Datasheet HTML 18Page - Microchip Technology MCP4901-E/MS Datasheet HTML 19Page - Microchip Technology MCP4901-E/MS Datasheet HTML 20Page - Microchip Technology MCP4901-E/MS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
 2010 Microchip Technology Inc.
DS22248A-page 17
MCP4901/4911/4921
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Supply Voltage Pins (VDD, VSS)
VDD is the positive supply voltage input pin. The input
supply voltage is relative to VSS and can range from
2.7V to 5.5V. The power supply at the VDD pin should
be as clean as possible for good DAC performance. It
is recommended to use an appropriate bypass capaci-
tor of about 0.1 µF (ceramic) to ground. An additional
10 µF capacitor (tantalum) in parallel is also recom-
mended to further attenuate high-frequency noise
present in application boards.
VSS is the analog ground pin and the current return path
of the device. The user must connect the VSS pin to a
ground plane through a low-impedance connection. If
an analog ground path is available in the application
Printed Circuit Board (PCB), it is highly recommended
that the VSS pin be tied to the analog ground path or
isolated within an analog ground plane of the circuit
board.
3.2
Chip Select (CS)
CS is the chip select input, which requires an active-low
signal to enable serial clock and data functions.
3.3
Serial Clock Input (SCK)
SCK is the SPI compatible serial clock input.
3.4
Serial Data Input (SDI)
SDI is the SPI compatible serial data input.
3.5
Latch DAC Input (LDAC)
The LDAC (latch DAC synchronization input) pin is
used to transfer the input latch register to the DAC reg-
ister (output latches, VOUT). When this pin is low, VOUT
is updated with input register content. This pin can be
tied to low (VSS) if the VOUT update is desired at the
rising edge of the CS pin. This pin can be driven by an
external control device such as an MCU I/O pin.
3.6
Analog Output (VOUT)
VOUT is the DAC analog output pin. The DAC output
has an output amplifier. The full-scale range of the DAC
output is from VSS to G*VREF, where G is the gain
selection option (1x or 2x). The DAC analog output
cannot go higher than the supply voltage (VDD).
3.7
Voltage Reference Input (VREF)
VREF is the voltage reference input for the device. The
reference on this pin is utilized to set the reference
voltage on the string DAC. The input voltage can range
from VSS to VDD. This pin can be tied to VDD.
3.8
Exposed Thermal Pad (EP)
There is an internal electrical connection between the
Exposed Thermal Pad (EP) and the VSS pin. They must
be connected to the same potential on the PCB.
TABLE 3-1:
PIN FUNCTION TABLE
PDIP, MSOP, SOIC
DFN
Symbol
Description
11
VDD
Supply Voltage Input (2.7V to 5.5V)
22
CS
Chip Select Input
3
3
SCK
Serial Clock Input
4
4
SDI
Serial Data Input
55
LDAC
DAC Output Synchronization Input. This pin is used to transfer
the input register (DAC settings) to the output register (VOUT)
66
VREF
Voltage Reference Input
77
VSS
Ground reference point for all circuitry on the device
88
VOUT
DAC Analog Output
—
9
EP
Exposed Thermal Pad. This pad must be connected to VSS in
application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com