Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2012DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # GTL2012DP
Description  2-bit LVTTL to GTL transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2012DP Datasheet(HTML) 3 Page - NXP Semiconductors

  GTL2012DP Datasheet HTML 1Page - NXP Semiconductors GTL2012DP Datasheet HTML 2Page - NXP Semiconductors GTL2012DP Datasheet HTML 3Page - NXP Semiconductors GTL2012DP Datasheet HTML 4Page - NXP Semiconductors GTL2012DP Datasheet HTML 5Page - NXP Semiconductors GTL2012DP Datasheet HTML 6Page - NXP Semiconductors GTL2012DP Datasheet HTML 7Page - NXP Semiconductors GTL2012DP Datasheet HTML 8Page - NXP Semiconductors GTL2012DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
GTL2012_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 9 August 2007
3 of 14
NXP Semiconductors
GTL2012
2-bit LVTTL to GTL transceiver
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
Refer to Figure 1 “Logic diagram of GTL2012”.
7.1 Function table
Fig 2.
Pin configuration for TSSOP8
(MSOP8)
Fig 3.
Pin configuration for VSSOP8
GTL2012DP
A0
VCC
A1
VREF
DIR
B0
GND
B1
002aab606
1
2
3
4
6
5
8
7
GTL2012DC
A0
VCC
A1
VREF
DIR
B0
GND
B1
002aac398
1
2
3
4
6
5
8
7
Table 3.
Pin description
Symbol
Pin
Description
A0
1
data inputs/outputs (A side, LVTTL)
A1
2
DIR
3
direction control input (LVTTL)
GND
4
ground (0 V)
B1
5
data inputs/outputs (B side, GTL)
B0
6
VREF
7
GTL reference voltage
VCC
8
positive supply voltage
Table 4.
Function table
H = HIGH voltage level; L = LOW voltage level.
Input
Input/output
DIR
A (LVTTL)
B (GTL)
H
inputs
Bn = An
L
An = Bn
inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com