Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2012DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # GTL2012DP
Description  2-bit LVTTL to GTL transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2012DP Datasheet(HTML) 1 Page - NXP Semiconductors

  GTL2012DP Datasheet HTML 1Page - NXP Semiconductors GTL2012DP Datasheet HTML 2Page - NXP Semiconductors GTL2012DP Datasheet HTML 3Page - NXP Semiconductors GTL2012DP Datasheet HTML 4Page - NXP Semiconductors GTL2012DP Datasheet HTML 5Page - NXP Semiconductors GTL2012DP Datasheet HTML 6Page - NXP Semiconductors GTL2012DP Datasheet HTML 7Page - NXP Semiconductors GTL2012DP Datasheet HTML 8Page - NXP Semiconductors GTL2012DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The GTL2012 is a 2-bit translating transceiver designed for 3.3 V system interface with a
GTL
−/GTL/GTL+ bus.
The direction pin (DIR) allows the part to function as either a GTL-to-LVTTL sampling
receiver or as an LVTTL-to-GTL interface.
The GTL2012 LVTTL inputs (only) are tolerant up to 5.5 V allowing direct access to TTL or
5 V CMOS inputs.
2.
Features
I Operates as a 2-bit GTL−/GTL/GTL+ sampling receiver or as an LVTTL to
GTL
−/GTL/GTL+ driver
I 3.0 V to 3.6 V operation with 5 V tolerant LVTTL input
I GTL input and output 3.6 V tolerant
I Vref adjustable from 0.5 V to 0.5VCC
I Partial power-down permitted
I Latch-up protection exceeds 500 mA per JESD78
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-CC101
I Package offered: TSSOP8 (MSOP8) and VSSOP8
3.
Quick reference data
[1]
All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
GTL2012
2-bit LVTTL to GTL transceiver
Rev. 01 — 9 August 2007
Product data sheet
Table 1.
Quick reference data
Recommended operating conditions; Tamb =25 °C
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Ci
input capacitance
control inputs; VI = 3.0 V or 0 V
-
2
2.5
pF
Cio
input/output capacitance
A port; VO = 3.0 V or 0 V
-
4.6
6
pF
B port; VO =VTT or 0 V
-
3.4
4.3
pF
GTL; Vref = 0.8 V; VTT = 1.2 V
tPLH
LOW-to-HIGH propagation delay
An to Bn; see Figure 4
-
2.8
5
ns
tPHL
HIGH-to-LOW propagation delay
An to Bn; see Figure 4
-
3.4
7
ns
tPLH
LOW-to-HIGH propagation delay
Bn to An; see Figure 5
-
5.2
8
ns
tPHL
HIGH-to-LOW propagation delay
Bn to An; see Figure 5
-
4.9
7
ns


Similar Part No. - GTL2012DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
10-bit GTL Processor Voltage Clamp
1999 Apr 05
logo
Texas Instruments
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2010 NXP-GTL2010 Datasheet
125Kb / 20P
10-bit bidirectional low voltage translator
Rev. 06-3 March 2008
GTL2010 NXP-GTL2010 Datasheet
263Kb / 2P
NXP bidirectional low-voltage translators
March 2007
GTL2010 NXP-GTL2010 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - GTL2012DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL2014 PHILIPS-GTL2014 Datasheet
85Kb / 15P
4-bit LVTTL to GTL transceiver
Rev. 01-19 May 2005
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL2018 NXP-GTL2018 Datasheet
94Kb / 14P
8-bit LVTTL to GTL transceiver
Rev. 01-15 February 2007
logo
Pericom Semiconductor C...
PI4GTL2014 PERICOM-PI4GTL2014 Datasheet
376Kb / 10P
4-bit LVTTL to GTL transceiver
logo
Nuvoton Technology Corp...
NCT5914W NUVOTON-NCT5914W Datasheet
344Kb / 13P
4-bit LVTTL to GTL transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com