Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2012DP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # GTL2012DP
Description  2-bit LVTTL to GTL transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2012DP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button GTL2012DP Datasheet HTML 2Page - NXP Semiconductors GTL2012DP Datasheet HTML 3Page - NXP Semiconductors GTL2012DP Datasheet HTML 4Page - NXP Semiconductors GTL2012DP Datasheet HTML 5Page - NXP Semiconductors GTL2012DP Datasheet HTML 6Page - NXP Semiconductors GTL2012DP Datasheet HTML 7Page - NXP Semiconductors GTL2012DP Datasheet HTML 8Page - NXP Semiconductors GTL2012DP Datasheet HTML 9Page - NXP Semiconductors GTL2012DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
GTL2012_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 9 August 2007
6 of 14
NXP Semiconductors
GTL2012
2-bit LVTTL to GTL transceiver
11. Dynamic characteristics
[1]
All typical values are at VCC = 3.3 V and Tamb =25 °C.
11.1 Waveforms
VM = 1.5 V at VCC ≥ 3.0 V; VM = 0.5VCC at VCC ≤ 2.7 V for A ports and control pins;
VM =Vref for B ports.
Table 8.
Dynamic characteristics
VCC = 3.3 V ± 0.3 V
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
GTL
−; Vref = 0.6 V; VTT = 0.9 V
tPLH
LOW-to-HIGH propagation delay
An to Bn; see Figure 4
-
2.8
5
ns
tPHL
HIGH-to-LOW propagation delay
An to Bn; see Figure 4
-
3.3
7
ns
tPLH
LOW-to-HIGH propagation delay
Bn to An; see Figure 5
-
5.3
8
ns
tPHL
HIGH-to-LOW propagation delay
Bn to An; see Figure 5
-
5.2
8
ns
GTL; Vref = 0.8 V; VTT = 1.2 V
tPLH
LOW-to-HIGH propagation delay
An to Bn; see Figure 4
-
2.8
5
ns
tPHL
HIGH-to-LOW propagation delay
An to Bn; see Figure 4
-
3.4
7
ns
tPLH
LOW-to-HIGH propagation delay
Bn to An; see Figure 5
-
5.2
8
ns
tPHL
HIGH-to-LOW propagation delay
Bn to An; see Figure 5
-
4.9
7
ns
GTL+; Vref = 1.0 V; VTT = 1.5 V
tPLH
LOW-to-HIGH propagation delay
An to Bn; see Figure 4
-
2.8
5
ns
tPHL
HIGH-to-LOW propagation delay
An to Bn; see Figure 4
-
3.4
7
ns
tPLH
LOW-to-HIGH propagation delay
Bn to An; see Figure 5
-
5.1
8
ns
tPHL
HIGH-to-LOW propagation delay
Bn to An; see Figure 5
-
4.7
7
ns
VM = 1.5 V for B port and Vref for
A port
B port to A port
a. Pulse duration
b. Propagation delay times
Fig 4.
Voltage waveforms
002aab140
3.0 V
0 V
tp
VM
VM
002aab141
3.0 V
0 V
VOH
VOL
tPLH
tPHL
Vref
Vref
1.5 V
1.5 V
input
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com