Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTY81/110 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # KTY81/110
Description  Silicon temperature sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTY81/110 Datasheet(HTML) 2 Page - NXP Semiconductors

  KTY81/110 Datasheet HTML 1Page - NXP Semiconductors KTY81/110 Datasheet HTML 2Page - NXP Semiconductors KTY81/110 Datasheet HTML 3Page - NXP Semiconductors KTY81/110 Datasheet HTML 4Page - NXP Semiconductors KTY81/110 Datasheet HTML 5Page - NXP Semiconductors KTY81/110 Datasheet HTML 6Page - NXP Semiconductors KTY81/110 Datasheet HTML 7Page - NXP Semiconductors KTY81/110 Datasheet HTML 8Page - NXP Semiconductors KTY81/110 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
KTY81_SER_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 April 2008
2 of 15
NXP Semiconductors
KTY81 series
Silicon temperature sensors
2.
Pinning information
3.
Ordering information
4.
Marking
Table 2.
Pinning
Pin
Description
Simplified outline
1
electrical contact
2
electrical contact
21
Table 3.
Ordering information
Type number
Package
Name
Description
Version
KTY81/110
-
plastic near cylindrical single-ended package;
2 in-line leads
SOD70
KTY81/120
KTY81/121
KTY81/122
KTY81/150
KTY81/210
KTY81/220
KTY81/221
KTY81/222
KTY81/250
Table 4.
Marking codes
Type number
Marking code
KTY81/110
110
KTY81/120
120
KTY81/121
121
KTY81/122
122
KTY81/150
150
KTY81/210
210
KTY81/220
220
KTY81/221
221
KTY81/222
222
KTY81/250
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com