Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTY81/110 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # KTY81/110
Description  Silicon temperature sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTY81/110 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button KTY81/110 Datasheet HTML 6Page - NXP Semiconductors KTY81/110 Datasheet HTML 7Page - NXP Semiconductors KTY81/110 Datasheet HTML 8Page - NXP Semiconductors KTY81/110 Datasheet HTML 9Page - NXP Semiconductors KTY81/110 Datasheet HTML 10Page - NXP Semiconductors KTY81/110 Datasheet HTML 11Page - NXP Semiconductors KTY81/110 Datasheet HTML 12Page - NXP Semiconductors KTY81/110 Datasheet HTML 13Page - NXP Semiconductors KTY81/110 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
KTY81_SER_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 April 2008
10 of 15
NXP Semiconductors
KTY81 series
Silicon temperature sensors
To keep the temperature error low, an operating current of Isen(cont) = 1 mA is recommended for temperatures above 100 °C
a. KTY81/1 series
b. KTY81/2 series
Fig 1.
Sensor resistance as a function of operating current
mgg699
2
1
3
R
(k
Ω)
0
Isen(cont) (mA)
10−1
10
1
150
°C
125
°C
100
°C
75
°C
50
°C
25
°C
0
°C
−25 °C
−50 °C
mgg700
2
3
1
4
5
R
(k
Ω)
0
Isen(cont) (mA)
10−1
10
1
150
°C
125
°C
100
°C
75
°C
50
°C
25
°C
0
°C
−25 °C
−50 °C
Tamb =25 °CTamb =25 °C
a. KTY81/1 series
b. KTY81/2 series
Fig 2.
Deviation of sensor resistance as a function of operating current
mgg704
Isen(cont) (mA)
02
1
0
10
20
∆R
(
Ω)
−10
mgg703
Isen(cont) (mA)
02
1
0
10
20
30
∆R
(
Ω)
−10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com