Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTY81/110 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # KTY81/110
Description  Silicon temperature sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTY81/110 Datasheet(HTML) 3 Page - NXP Semiconductors

  KTY81/110 Datasheet HTML 1Page - NXP Semiconductors KTY81/110 Datasheet HTML 2Page - NXP Semiconductors KTY81/110 Datasheet HTML 3Page - NXP Semiconductors KTY81/110 Datasheet HTML 4Page - NXP Semiconductors KTY81/110 Datasheet HTML 5Page - NXP Semiconductors KTY81/110 Datasheet HTML 6Page - NXP Semiconductors KTY81/110 Datasheet HTML 7Page - NXP Semiconductors KTY81/110 Datasheet HTML 8Page - NXP Semiconductors KTY81/110 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
KTY81_SER_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 April 2008
3 of 15
NXP Semiconductors
KTY81 series
Silicon temperature sensors
5.
Limiting values
6.
Characteristics
[1]
The thermal time constant is the time taken for the sensor to reach 63.2 % of the total temperature difference. For example, if a sensor
with a temperature of 25
°C is moved to an environment with an ambient temperature of 100 °C, the time for the sensor to reach a
temperature of 72.4
°C is the thermal time constant.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Isen(cont)
continuous sensor current
in free air; Tamb =25 °C
-
10
mA
in free air; Tamb = 150 °C-
2
mA
Tamb
ambient temperature
−55
+150
°C
Table 6.
Characteristics
Tamb =25 °C; in liquid; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
R25
sensor resistance
Isen(cont) =1mA
KTY81/110
990
-
1010
Ω
KTY81/120
980
-
1020
Ω
KTY81/121
980
-
1000
Ω
KTY81/122
1000
-
1020
Ω
KTY81/150
950
-
1050
Ω
KTY81/210
1980
-
2020
Ω
KTY81/220
1960
-
2040
Ω
KTY81/221
1960
-
2000
Ω
KTY81/222
2000
-
2040
Ω
KTY81/250
1900
-
2100
Ω
TC
temperature coefficient
-
0.79
-
%/K
R100/R25
resistance ratio
Tamb = 100 °C and 25 °C
1.676
1.696
1.716
R−55/R25
resistance ratio
Tamb = −55 °C and 25 °C
0.480
0.490
0.500
∆R25
drift of sensor resistance at
25
°C
10000 h continuous
operation; Tamb = 150 °C
KTY81/1 series
-
1.6
-
Ω
KTY81/2 series
-
3.2
-
Ω
τth
thermal time constant
in still air
[1] -30
-
s
in still liquid
[1] -5
-s
in flowing liquid
[1] -3
-s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com