Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2102 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC2102
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2102 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC2102 Datasheet HTML 1Page - NXP Semiconductors LPC2102 Datasheet HTML 2Page - NXP Semiconductors LPC2102 Datasheet HTML 3Page - NXP Semiconductors LPC2102 Datasheet HTML 4Page - NXP Semiconductors LPC2102 Datasheet HTML 5Page - NXP Semiconductors LPC2102 Datasheet HTML 6Page - NXP Semiconductors LPC2102 Datasheet HTML 7Page - NXP Semiconductors LPC2102 Datasheet HTML 8Page - NXP Semiconductors LPC2102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
LPC2101_02_03_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 June 2009
2 of 37
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
I Two 16-bit timers/external event counters with combined three capture and seven
compare channels.
I Low power Real-Time Clock (RTC) with independent power and dedicated 32 kHz
clock input.
I Multiple serial interfaces including two UARTs (16C550), two Fast I2C-buses
(400 kbit/s), SPI and SSP with buffering and variable data length capabilities.
I Vectored interrupt controller with configurable priorities and vector addresses.
I Up to thirty-two, 5 V tolerant fast general purpose I/O pins.
I Up to 13 edge or level sensitive external interrupt pins available.
I 70 MHz maximum CPU clock available from programmable on-chip PLL with a
possible input frequency of 10 MHz to 25 MHz and a settling time of 100
µs.
I On-chip integrated oscillator operates with an external crystal in the range from 1 MHz
to 25 MHz.
I Power saving modes include Idle mode, Power-down mode with RTC active, and
Power-down mode.
I Individual enable/disable of peripheral functions as well as peripheral clock scaling for
additional power optimization.
I Processor wake-up from Power-down and Deep power-down (Revision A and higher)
mode via external interrupt or RTC.
3.
Ordering information
3.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2101FBD48
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2
LPC2102FBD48
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2
LPC2103FBD48
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2
LPC2102FHN48
HVQFN48
plastic thermal enhanced very thin quad flat package; no leads;
48 terminals; body 7
× 7 × 0.85 mm
SOT619-7
LPC2103FHN48
HVQFN48
plastic thermal enhanced very thin quad flat package; no leads;
48 terminals; body 7
× 7 × 0.85 mm
SOT619-7
LPC2103FHN48H HVQFN48
plastic thermal enhanced very thin quad flat package; no leads;
48 terminals; body 6
× 6 × 0.85 mm
SOT778-3
Table 2.
Ordering options
Type number
Flash memory
RAM
ADC
Temperature
range (
°C)
LPC2101FBD48
8 kB
2 kB
8 inputs
−40 to +85
LPC2102FBD48
16 kB
4 kB
8 inputs
−40 to +85
LPC2103FBD48
32 kB
8 kB
8 inputs
−40 to +85
LPC2102FHN48
16 kB
4 kB
8 inputs
−40 to +85
LPC2103FHN48
32 kB
8 kB
8 inputs
−40 to +85
LPC2103FHN48H
32 kB
8 kB
8 inputs
−40 to +85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com