Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2102 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2102
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2102 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2102 Datasheet HTML 9Page - NXP Semiconductors LPC2102 Datasheet HTML 10Page - NXP Semiconductors LPC2102 Datasheet HTML 11Page - NXP Semiconductors LPC2102 Datasheet HTML 12Page - NXP Semiconductors LPC2102 Datasheet HTML 13Page - NXP Semiconductors LPC2102 Datasheet HTML 14Page - NXP Semiconductors LPC2102 Datasheet HTML 15Page - NXP Semiconductors LPC2102 Datasheet HTML 16Page - NXP Semiconductors LPC2102 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
LPC2101_02_03_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 June 2009
13 of 37
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
6.7 Fast general purpose parallel I/O
Device pins that are not connected to a specific peripheral function are controlled by the
GPIO registers. Pins may be dynamically configured as inputs or outputs. Separate
registers allow setting or clearing any number of outputs simultaneously. The value of the
output register may be read back, as well as the current state of the port pins.
LPC2101/02/03 introduce accelerated GPIO functions over prior LPC2000 devices:
• GPIO registers are relocated to the ARM local bus for the fastest possible I/O timing.
• Mask registers allow treating sets of port bits as a group, leaving other bits
unchanged.
• All GPIO registers are byte addressable.
• Entire port value can be written in one instruction.
6.7.1 Features
• Bit-level set and clear registers allow a single instruction set or clear of any number of
bits in one port.
• Direction control of individual bits.
• Separate control of output set and clear.
• All I/O default to inputs after reset.
6.8 10-bit ADC
The LPC2101/02/03 contain one ADC. It is a single 10-bit successive approximation ADC
with eight channels.
6.8.1 Features
• Measurement range of 0 V to 3.3 V.
• Each converter capable of performing more than 400,000 10-bit samples per second.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition on input pin or Timer Match signal.
• Every analog input has a dedicated result register to reduce interrupt overhead.
6.9 UARTs
The LPC2101/02/03 each contain two UARTs. In addition to standard transmit and
receive data lines, UART1 also provides a full modem control handshake interface.
Compared to previous LPC2000 microcontrollers, UARTs in LPC2101/02/03 include a
fractional baud rate generator for both UARTs. Standard baud rates such as 115200 can
be achieved with any crystal frequency above 2 MHz.
6.9.1 Features
• 16 byte Receive and Transmit FIFOs.
• Register locations conform to 16C550 industry standard.
• Receiver FIFO trigger points at 1, 4, 8, and 14 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com