Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2102 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC2102
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2102 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC2102 Datasheet HTML 5Page - NXP Semiconductors LPC2102 Datasheet HTML 6Page - NXP Semiconductors LPC2102 Datasheet HTML 7Page - NXP Semiconductors LPC2102 Datasheet HTML 8Page - NXP Semiconductors LPC2102 Datasheet HTML 9Page - NXP Semiconductors LPC2102 Datasheet HTML 10Page - NXP Semiconductors LPC2102 Datasheet HTML 11Page - NXP Semiconductors LPC2102 Datasheet HTML 12Page - NXP Semiconductors LPC2102 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
LPC2101_02_03_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 June 2009
9 of 37
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
[1]
5 V tolerant (if VDD(3V3) and VDDA ≥ 3.0 V) pad providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control.
[2]
Open-drain 5 V tolerant (if VDD(3V3) and VDDA ≥ 3.0 V) digital I/O I2C-bus 400 kHz specification compatible pad. It requires external
pull-up to provide an output functionality. Open-drain configuration applies to ALL functions on that pin.
[3]
5 V tolerant (if VDD(3V3) and VDDA ≥ 3.0 V) pad providing digital I/O (with TTL levels and hysteresis and 10 ns slew rate control) and
analog input function. If configured for an input function, this pad utilizes built-in glitch filter that blocks pulses shorter than 3 ns. When
configured as an ADC input, digital section of the pad is disabled.
[4]
5 V tolerant (if VDD(3V3) and VDDA ≥ 3.0 V) pad providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control.
If configured for an input function, this pad utilizes built-in glitch filter that blocks pulses shorter than 3 ns.
[5]
A LOW level during reset on pin P0.14 is considered as an external hardware request to start the ISP command handler.
[6]
Open-drain 5 V tolerant (if VDD(3V3) and VDDA ≥ 3.0 V) digital I/O I2C-bus 400 kHz specification compatible pad. It requires external
pull-up to provide an output functionality. Open-drain configuration applies only to I2C function on that pin.
[7]
Pad provides special analog functionality.
[8]
For lowest power consumption, pin should be left floating when the RTC is not used.
[9]
See
LPC2101/02/03 User manual UM10161 for details.
VSS
7, 19, 43
I
Ground: 0 V reference.
VSSA
31
I
Analog ground: 0 V reference. This should be nominally the same voltage as
VSS but should be isolated to minimize noise and error.
VDDA
42
I
Analog 3.3 V power supply: This should be nominally the same voltage as
VDD(3V3) but should be isolated to minimize noise and error. The level on this
pin also provides a voltage reference level for the ADC.
VDD(1V8)
5I
1.8 V core power supply: This is the power supply voltage for internal
circuitry and the on-chip PLL.
VDD(3V3)
17, 40
I
3.3 V pad power supply: This is the power supply voltage for the I/O ports.
VBAT
4
I
RTC power supply: 3.3 V on this pin supplies the power to the RTC.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com