Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6564 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6564
Description  10 pin transition-mode PFC controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6564 Datasheet HTML 7Page - STMicroelectronics L6564 Datasheet HTML 8Page - STMicroelectronics L6564 Datasheet HTML 9Page - STMicroelectronics L6564 Datasheet HTML 10Page - STMicroelectronics L6564 Datasheet HTML 11Page - STMicroelectronics L6564 Datasheet HTML 12Page - STMicroelectronics L6564 Datasheet HTML 13Page - STMicroelectronics L6564 Datasheet HTML 14Page - STMicroelectronics L6564 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
L6564
Electrical characteristics
Doc ID 16202 Rev 1
11/34
Voltage feedforward
VVFF
Linear operation range
1
3
V
ΔV
Dropout VMULTpk-VVFF
Vcc < VccOn
800
mV
Vcc > or = to VccOn
20
ΔVVFF
Line drop detection thresh.
Below peak value
40
70
100
mV
ΔVVFF
Line drop detection thresh.
Below peak value Tj =25°C
50
70
90
mV
RDISCH
Internal discharge resistor
Tj = 25 °C
7.5
10
12.5
k
Ω
520
VDIS
Disable threshold
(2) voltage falling
0.745
0.8
0.855
V
VEN
Enable threshold
(2) voltage rising
0.845 0.88 0.915
V
Zero current detector
VZCDH
Upper clamp voltage
IZCD = 2.5mA
5.0
5.7
V
VZCDL
Lower clamp voltage
IZCD = - 2.5mA
-0.3
0
0.3
V
VZCDA
Arming voltage
(positive-going edge)
1.1
1.4
1.9
V
VZCDT
Triggering voltage
(negative-going edge)
0.5
0.7
0.9
V
IZCDb
Input bias current
VZCD = 1 to 4.5V
1
µA
IZCDsrc
Source current capability
-2.5
-4
mA
IZCDsnk
Sink current capability
2.5
5
mA
Gate driver
VOL
Output low voltage
Isink = 100mA
0.6
1.2
V
VOH
Output high voltage
Isource = 5mA
9.8
10.3
V
Isrcpk
Peak source current
-0.6
A
Isnkpk
Peak sink current
0.8
A
tf
Voltage fall time
30
60
ns
tr
Voltage rise time
45
110
ns
VOclamp
Output clamp voltage
Isource = 5mA; Vcc = 20V
10
12
15
V
UVLO saturation
Vcc= 0 to VCCon, Isink= 2mA
1.1
V
1.
Parameters tracking each other
2.
The multiplier output is given by:
3.
Parameters tracking each other
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
(
)
2
VFF
V
5
.
2
COMP
V
MULT
V
K
V
cs
V
M
CS_Ofst
−
⋅
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com