Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6564 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6564
Description  10 pin transition-mode PFC controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6564 Datasheet HTML 23Page - STMicroelectronics L6564 Datasheet HTML 24Page - STMicroelectronics L6564 Datasheet HTML 25Page - STMicroelectronics L6564 Datasheet HTML 26Page - STMicroelectronics L6564 Datasheet HTML 27Page - STMicroelectronics L6564 Datasheet HTML 28Page - STMicroelectronics L6564 Datasheet HTML 29Page - STMicroelectronics L6564 Datasheet HTML 30Page - STMicroelectronics L6564 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
L6564
Application information
Doc ID 16202 Rev 1
27/34
Table 5.
Summary of L6564 idle states
Condition
Caused or revealed bey
IC behavior
Restart condition
Typical IC
consumption
UVLO
Vcc < VccOff
Disabled
Vcc > VccOn
90 µA
Feedback
disconnected
PFC_OK > VPFC_OK_S
AND
INV < PFC_OK - 40mV
Latched
Vcc < Vccrestart then
Vcc > VccOn
180 µA
Standby
PFC_OK < VPFC_OK_D
Stop switching
PFC_OK > V
PFC_OK_E
1.5 mA
AC Brownout
VFF < VDIS
Stop switching
RUN > VEN
1.5 mA
OVP
PFC_OK > VPFC_OK_S
Stop Switching
PFC_OK < V
PFC_OK_R
2.2 mA
Low
consumption
COMP < 2.4V
Burst mode
COMP > 2.4V
2.2 mA
Saturated
boost inductor
Vcs > VCS_th
Doubled Tstart
Auto restart
2.2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com