Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6564 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6564
Description  10 pin transition-mode PFC controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6564 Datasheet HTML 12Page - STMicroelectronics L6564 Datasheet HTML 13Page - STMicroelectronics L6564 Datasheet HTML 14Page - STMicroelectronics L6564 Datasheet HTML 15Page - STMicroelectronics L6564 Datasheet HTML 16Page - STMicroelectronics L6564 Datasheet HTML 17Page - STMicroelectronics L6564 Datasheet HTML 18Page - STMicroelectronics L6564 Datasheet HTML 19Page - STMicroelectronics L6564 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Typical electrical performance
L6564
16/34
Doc ID 16202 Rev 1
Figure 19.
R discharge vs TJ
Figure 20.
Line drop detection threshold vs TJ
 
0
2
4
6
8
10
12
14
16
18
20
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
 
0
10
20
30
40
50
60
70
80
90
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
Figure 21.
VMULTpk - VVFF dropout vs TJ
Figure 22.
PFC_OK threshold vs TJ
 
-2
-1. 5
-1
-0. 5
0
0. 5
1
1. 5
2
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com