Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ACST6
Description  Overvoltage protected AC switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ACST6 Datasheet HTML 7Page - STMicroelectronics ACST6 Datasheet HTML 8Page - STMicroelectronics ACST6 Datasheet HTML 9Page - STMicroelectronics ACST6 Datasheet HTML 10Page - STMicroelectronics ACST6 Datasheet HTML 11Page - STMicroelectronics ACST6 Datasheet HTML 12Page - STMicroelectronics ACST6 Datasheet HTML 13Page - STMicroelectronics ACST6 Datasheet HTML 14Page - STMicroelectronics ACST6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Ordering information
ACST6
14/15
Doc ID 7297 Rev 9
5
Ordering information
Table 10.
Ordering information
6
Revision history
Table 11.
Document revision history
Order code
Marking
Package
Weight
Base Qty
Packing mode
ACST610-8FP
ACST6108
TO-220FPAB
2.4 g
50
Tube
ACST610-8G
D2PAK
1.5 g
50
Tube
ACST610-8GTR
D2PAK
1.5 g
1000
Tape and reel
ACST610-8R
I2PAK
2.3 g
50
Tube
ACST610-8T
TO-220AB
1.5 g
50
Tube
Date
Revision
Changes
Jan-2002
7F
Previous issue.
09-May-2005
8
Layout update. No content change.
18-Dec-2009
9
Document structure and parameter presentation revised for
consistency with other ACST documents. No technical changes.
Order codes updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com