Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACST6
Description  Overvoltage protected AC switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST6 Datasheet(HTML) 4 Page - STMicroelectronics

  ACST6 Datasheet HTML 1Page - STMicroelectronics ACST6 Datasheet HTML 2Page - STMicroelectronics ACST6 Datasheet HTML 3Page - STMicroelectronics ACST6 Datasheet HTML 4Page - STMicroelectronics ACST6 Datasheet HTML 5Page - STMicroelectronics ACST6 Datasheet HTML 6Page - STMicroelectronics ACST6 Datasheet HTML 7Page - STMicroelectronics ACST6 Datasheet HTML 8Page - STMicroelectronics ACST6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Characteristics
ACST6
4/15
Doc ID 7297 Rev 9
Figure 4.
On-state rms current versus
ambient temperature (free air
convection, full cycle)
Figure 5.
Relative variation of thermal
impedance versus pulse duration
Figure 6.
Relative variation of gate trigger
current (IGT) and voltage (VGT)
versus junction temperature
Figure 7.
Relative variation of holding
current (IH) and latching current (IL)
versus junction temperature
Figure 8.
Surge peak on-state current
versus number of cycles
Figure 9.
Non repetitive surge peak on-state
current and corresponding value of
I2t versus sinusoidal pulse width
IT(RMS)(A)
Ta(°C)
0.0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
α=180°
D2PAK with
copper
surface = 1
cm2
TO-220FPAB
TO220AB
I2PAK
K = [Zth / Rth]
1.0E-02
1.0E-01
1.0E+00
tp(s)
1.0E-03
1.0E-01
1.0E+01
1.0E+03
Zth(j-c)
Zth(j-a)
TO-220AB
D²PAK
I²PAK
TO-220FPAB
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
IGT,VGT[Tj] / IGT,VGT[Tj = 25 °C]
Tj (°C)
IGT Q3
IGT Q1-Q2
V
Q1-Q2-Q3
GT
(typical values)
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
IH,IL[Tj] / IH,IL[Tj = 25 °C]
Tj(°C)
IL
IH
(typical values)
ITSM(A)
Number of cycles
0
10
20
30
40
50
1
10
100
1000
Number of cycles
Repetitive
TC =106 °C
Non repetitive
Tj initial = 25 °C
One cycle
t = 20 ms
1
10
100
1000
0.01
0.10
1.00
10.00
dl /dt limitation: 100 A / µs
Tj initial = 25 °C
ITSM
I²t
ITSM(A), I²t (A²s)
tp(ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com