Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACST6
Description  Overvoltage protected AC switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST6 Datasheet(HTML) 3 Page - STMicroelectronics

  ACST6 Datasheet HTML 1Page - STMicroelectronics ACST6 Datasheet HTML 2Page - STMicroelectronics ACST6 Datasheet HTML 3Page - STMicroelectronics ACST6 Datasheet HTML 4Page - STMicroelectronics ACST6 Datasheet HTML 5Page - STMicroelectronics ACST6 Datasheet HTML 6Page - STMicroelectronics ACST6 Datasheet HTML 7Page - STMicroelectronics ACST6 Datasheet HTML 8Page - STMicroelectronics ACST6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ACST6
Characteristics
Doc ID 7297 Rev 9
3/15
Table 4.
Static characteristics
Symbol
Test conditions
Value
Unit
VTM
(1)
1.
For both polarities of OUT pin referenced to COM pin
IOUT = 2.1 A, tp = 500 µs
Tj = 25 °C
MAX.
1.4
V
IOUT = 8.5 A, tp = 500 µs
1.7
VT0
(1)
Threshold voltage
Tj = 125 °C
MAX.
0.9
V
Rd
(1)
Dynamic resistance
Tj = 125 °C
MAX.
80
m
Ω
IDRM
IRRM
VOUT = VDRM/ VRRM
Tj = 25 °C
MAX.
20
µA
Tj = 125 °C
MAX.
500
µA
Table 5.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
TO-220AB
TO-220FPAB
60
°C/W
I²PAK
65
Junction to ambient (soldered on 1 cm2 copper pad)
D²PAK
45
Rth(j-c)
Junction to case for full cycle sine wave conduction
TO-220FPAB
4.25
°C/W
TO-220AB
D²PAK , I²PAK
2.5
Figure 2.
Maximum power dissipation versus
rms on-state current
Figure 3.
On-state rms current versus case
temperature (full cycle)
0
1
2
3
4
5
6
7
8
01
2
3
4
5
6
P(W)
α = 180°
IT(RMS)(A)
180°
0
1
2
3
4
5
6
7
0
25
50
75
100
125
IT(RMS)(A)
TC(°C)
TO-220FPAB
TO-220AB
D²PAK
I²PAK
α = 180°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com