Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPY503AL Datasheet(PDF) 6 Page - STMicroelectronics

Part # LPY503AL
Description  MEMS motion sensor: dual axis pitch and yaw ±30°/s analog gyroscope
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY503AL Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LPY503AL Datasheet HTML 2Page - STMicroelectronics LPY503AL Datasheet HTML 3Page - STMicroelectronics LPY503AL Datasheet HTML 4Page - STMicroelectronics LPY503AL Datasheet HTML 5Page - STMicroelectronics LPY503AL Datasheet HTML 6Page - STMicroelectronics LPY503AL Datasheet HTML 7Page - STMicroelectronics LPY503AL Datasheet HTML 8Page - STMicroelectronics LPY503AL Datasheet HTML 9Page - STMicroelectronics LPY503AL Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Mechanical and electrical specifications
LPY503AL
6/12
Doc ID 15804 Rev 2
2.2
Electrical characteristics
2.3
Absolute maximum ratings
Stresses above those listed as “Absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 4.
Electrical characteristics @ Vdd =3 V, T=25 °C unless otherwise noted(1)
Symbol
Parameter
Test condition
Min.
Typ.(2)
Max.
Unit
Vdd
Supply voltage
2.7
3
3.6
V
Idd
Supply current
PD pin connected to GND
6.8
mA
IddPdn
Supply current in
power-down mode
PD pin connected to Vdd
1
5
µA
VST
Self-test input
Logic 0 level
0
0.2*Vdd
V
Logic 1 level
0.8*Vdd
Vdd
VPD
Power-down input
Logic 0 level
0
0.2*Vdd
V
Logic 1 level
0.8*Vdd
Vdd
Top
Operating temperature
range
-40
+85
°C
1.
The product is factory calibrated at 3 V
2.
Typical specifications are not guaranteed
Table 5.
Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 6
V
Vin
Input voltage on any control pin (PD, ST)
-0.3 to Vdd +0.3
V
A
Acceleration
3000
g for 0.5 ms
10000
g for 0.1 ms
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
2 (HBM)
kV
This is a mechanical shock sensitive device, improper handling can cause permanent
damage to the part
This is an ESD sensitive device, improper handling can cause permanent damage to
the part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com