Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPY503AL Datasheet(PDF) 3 Page - STMicroelectronics

Part # LPY503AL
Description  MEMS motion sensor: dual axis pitch and yaw ±30°/s analog gyroscope
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY503AL Datasheet(HTML) 3 Page - STMicroelectronics

  LPY503AL Datasheet HTML 1Page - STMicroelectronics LPY503AL Datasheet HTML 2Page - STMicroelectronics LPY503AL Datasheet HTML 3Page - STMicroelectronics LPY503AL Datasheet HTML 4Page - STMicroelectronics LPY503AL Datasheet HTML 5Page - STMicroelectronics LPY503AL Datasheet HTML 6Page - STMicroelectronics LPY503AL Datasheet HTML 7Page - STMicroelectronics LPY503AL Datasheet HTML 8Page - STMicroelectronics LPY503AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LPY503AL
Block diagram and pin description
Doc ID 15804 Rev 2
3/12
1
Block diagram and pin description
Figure 1.
Block diagram
1.1
Pin description
Figure 2.
Pin connection
+
-
CLOCK
TRIMMING
CIRCUITS
REFERENCE
DEMODULATOR
CHARGE
AMPLIFIER
PHASE GENERATOR
SWITCHED
4x OUT X (amplified)
X/Z
LOW-PASS
CAPACITOR
FILTER
DRIVING MASS
DEMODULATOR
CHARGE
AMPLIFIER
SWITCHED
4x OUT Z(amplified)
LOW-PASS
CAPACITOR
FILTER
Optional
Filter
LP/HP
Optional
Filter
LP/HP
GAIN
GAIN
Not amplified
Not amplified
4x
4x
Feedback loop
+
-
+Ω
x
+Ω
z
filtered output X
filtered output Z
(TOP VIEW)
DIRECTION OF THE
DETECTABLE
ANGULAR RATES
GND
VCONT
4xINZ
FILTVDD
OUTZ
ST
OUTX
4xINX
HP
16
14
6
8
9
13
1
5
(BOTTOM VIEW)
PD
+Ω
x
+Ω
z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com