Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPY503AL Datasheet(PDF) 1 Page - STMicroelectronics

Part # LPY503AL
Description  MEMS motion sensor: dual axis pitch and yaw ±30°/s analog gyroscope
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY503AL Datasheet(HTML) 1 Page - STMicroelectronics

  LPY503AL Datasheet HTML 1Page - STMicroelectronics LPY503AL Datasheet HTML 2Page - STMicroelectronics LPY503AL Datasheet HTML 3Page - STMicroelectronics LPY503AL Datasheet HTML 4Page - STMicroelectronics LPY503AL Datasheet HTML 5Page - STMicroelectronics LPY503AL Datasheet HTML 6Page - STMicroelectronics LPY503AL Datasheet HTML 7Page - STMicroelectronics LPY503AL Datasheet HTML 8Page - STMicroelectronics LPY503AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2009
Doc ID 15804 Rev 2
1/12
12
LPY503AL
MEMS motion sensor:
dual axis pitch and yaw ±30°/s analog gyroscope
Features
■ 2.7 V to 3.6 V single-supply operation
■ Wide operating temperature range
(-40 °C to +85 °C)
■ High stability overtemperature
■ Analog absolute angular-rate output
■ Two separate outputs for each axis
(1x and 4x amplified)
■ Integrated low-pass filters
■ Low power consumption
■ Embedded power-down
■ Embedded self-test
■ High shock and vibration survivability
■ ECOPACK® RoHS and “Green” compliant
(see
Section 5)
Applications
■ Image stabilization for DSC DVC
■ Motion control with user interface
■ Industrial and robotics
Description
The LPY503AL is a low-power dual-axis
micromachined gyroscope capable of measuring
angular rate along pitch and yaw axes.
It provides excellent temperature stability and
high resolution over an extended operating
temperature range (-40 °C to +85 °C).
The LPY503AL has a full scale of ±30 °/s and is
capable of detecting rates with a -3 dB bandwidth
up to 140 Hz.
The gyroscope is the combination of one actuator
and one accelerometer integrated in a single
micromachined structure.
It includes a sensing element composed by single
driving mass, kept in continuos oscillating
movement and able to react when an angular rate
is applied based on the Coriolis principle.
A CMOS IC provides the measured angular rate
to the external world through an analog output
voltage, allowing high level of integration and
production trimming to better match sensing
element characteristics.
ST’s gyroscope family leverages on robust and
mature manufacturing process already used for
the production of micromachined accelerometers.
ST is already in the field with several hundreds
million sensors with excellent acceptance from
the market in terms of quality, reliability and
performance.
LPY503AL is provided in plastic land grid array
(LGA) package. Several years ago ST pioneered
successfully the usage of this package for
accelerometers. Today ST has the widest
manufacturing capability and strongest expertise
in the world for production of sensor in plastic
LGA package.
LGA-16L (5x5x1.5mm)
Table 1.
Device summary
Order code
Temperature range (°C)
Package
Packing
LPY503AL
-40 to +85
LGA-16 (5x5x1.5)
Tray
LPY503ALTR
-40 to +85
LGA-16 (5x5x1.5)
Tape and reel
www.st.com


Similar Part No. - LPY503AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPY503AL STMICROELECTRONICS-LPY503AL Datasheet
165Kb / 1P
STMICROELECTRONICS Analog ICs
LPY503ALTR STMICROELECTRONICS-LPY503ALTR Datasheet
165Kb / 1P
STMICROELECTRONICS Analog ICs
More results

Similar Description - LPY503AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPR530AL STMICROELECTRONICS-LPR530AL Datasheet
225Kb / 12P
MEMS motion sensor: dual axis pitch and roll ±300°/s analog gyroscope
06-Jul-2009
LPY403AL STMICROELECTRONICS-LPY403AL Datasheet
282Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±30 dps analog gyroscope
29-Oct-2009
LPY410AL STMICROELECTRONICS-LPY410AL Datasheet
284Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±100 dps analog gyroscope
29-Oct-2009
LPY430AL STMICROELECTRONICS-LPY430AL Datasheet
284Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±300 dps analog gyroscope
29-Oct-2009
LPY450AL STMICROELECTRONICS-LPY450AL Datasheet
284Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±500 dps analog gyroscope
29-Oct-2009
LPY510AL STMICROELECTRONICS-LPY510AL Datasheet
228Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±100°/s analog gyroscope
06-Jul-2009
LPY530AL STMICROELECTRONICS-LPY530AL Datasheet
228Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±300°/s analog gyroscope
06-Jul-2009
LPY550AL STMICROELECTRONICS-LPY550AL Datasheet
227Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±500°/s analog output gyroscope
06-Jul-2009
LPY4150AL STMICROELECTRONICS-LPY4150AL Datasheet
265Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±1500 dps analog gyroscope
29-Oct-2009
LPY5150AL STMICROELECTRONICS-LPY5150AL Datasheet
229Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±1500°/s analog output gyroscope
06-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com