Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-MB6T/2 Datasheet(PDF) 63 Page - STMicroelectronics

Part # M23LR64-R-MB6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-MB6T/2 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button M23LR64-R-MB6T/2 Datasheet HTML 59Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 60Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 61Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 62Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 63Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 64Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 65Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 66Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 126 page
background image
M24LR64-R
Request format
Doc ID 15170 Rev 9
63/126
.
Table 25.
Request flags 5 to 8 when Bit 3 = 0
Bit No
Flag
Level
Description
Bit 5
Select flag(1)
1.
If the Select_flag is set to 1, the Address_flag is set to 0 and the UID field is not present in the request.
0
Request is executed by any M24LR64-R according to the setting of
Address_flag
1
Request is executed only by the M24LR64-R in Selected state
Bit 6
Address
flag(1)
0
Request is not addressed. UID field is not present. The request is
executed by all M24LR64-Rs.
1
Request is addressed. UID field is present. The request is executed
only by the M24LR64-R whose UID matches the UID specified in
the request.
Bit 7
Option flag
0
Option not activated.
1
Option activated.
Bit 8
RFU
0
Table 26.
Request flags 5 to 8 when Bit 3 = 1
Bit No
Flag
Level
Description
Bit 5
AFI flag
0
AFI field is not present
1
AFI field is present
Bit 6
Nb_slots flag
0
16 slots
11 slot
Bit 7
Option flag
0
Bit 8
RFU
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com