Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-MB6T/2 Datasheet(PDF) 73 Page - STMicroelectronics

Part # M23LR64-R-MB6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-MB6T/2 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button M23LR64-R-MB6T/2 Datasheet HTML 69Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 70Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 71Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 72Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 73Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 74Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 75Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 76Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 126 page
background image
M24LR64-R
Commands codes
Doc ID 15170 Rev 9
73/126
26
Commands codes
The M24LR64-R supports the commands described in this section. Their codes are given in
Table 33.
Table 33.
Command codes
Command code
standard
Function
Command code
custom
Function
01h
Inventory
2Ch
Get Multiple Block Security
Status
02h
Stay Quiet
B1h
Write-sector Password
20h
Read Single Block
B2h
Lock-sector Password
21h
Write Single Block
B3h
Present-sector Password
23h
Read Multiple Block
C0h
Fast Read Single Block
25h
Select
C1h
Fast Inventory Initiated
26h
Reset to Ready
C2h
Fast Initiate
27h
Write AFI
C3h
Fast Read Multiple Block
28h
Lock AFI
D1h
Inventory Initiated
29h
Write DSFID
D2h
Initiate
2Ah
Lock DSFID
2Bh
Get System Info



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com