Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-MB6T/2 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M23LR64-R-MB6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-MB6T/2 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M23LR64-R-MB6T/2 Datasheet HTML 17Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 18Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 19Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 20Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 21Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 22Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 23Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 24Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 126 page
background image
M24LR64-R
User memory organization
Doc ID 15170 Rev 9
21/126
63
2016
8064
user
user
user
user
2017
8068
user
user
user
user
2018
8072
user
user
user
user
2019
8076
user
user
user
user
2020
8080
user
user
user
user
2021
8084
user
user
user
user
2022
8088
user
user
user
user
2023
8092
user
user
user
user
2024
8096
user
user
user
user
2025
8100
user
user
user
user
2026
8104
user
user
user
user
2027
8108
user
user
user
user
2028
8112
user
user
user
user
2029
8116
user
user
user
user
2030
8120
user
user
user
user
2031
8124
user
user
user
user
2032
8128
user
user
user
user
2033
8132
user
user
user
user
2034
8136
user
user
user
user
2035
8140
user
user
user
user
2036
8144
user
user
user
user
2037
8148
user
user
user
user
2038
8152
user
user
user
user
2039
8156
user
user
user
user
2040
8160
user
user
user
user
2041
8164
user
user
user
user
2042
8168
user
user
user
user
2043
8172
user
user
user
user
2044
8176
user
user
user
user
2045
8180
user
user
user
user
2046
8184
user
user
user
user
2047
8188
user
user
user
user
Table 5.
Sector details (continued)
Sector
number
RF block
address
I2C byte
address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com