Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-MB6T/2 Datasheet(PDF) 124 Page - STMicroelectronics

Part # M23LR64-R-MB6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-MB6T/2 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button M23LR64-R-MB6T/2 Datasheet HTML 118Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 119Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 120Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 121Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 122Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 123Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 124Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 125Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 126Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 124 / 126 page
background image
Application family identifier (AFI) (informative)
M24LR64-R
124/126
Doc ID 15170 Rev 9
Appendix C
Application family identifier (AFI)
(informative)
The AFI (application family identifier) represents the type of application targeted by the VCD
and is used to extract from all the M24LR64-R present only the M24LR64-R meeting the
required application criteria.
It is programmed by the M24LR64-R issuer (the purchaser of the M24LR64-R). Once
locked, it cannot be modified.
The most significant nibble of the AFI is used to code one specific or all application families,
as defined in Table 113.
The least significant nibble of the AFI is used to code one specific or all application
subfamilies. Subfamily codes different from 0 are proprietary.
Table 113.
AFI coding(1)
1.
X = '1' to 'F', Y = '1' to 'F'
AFI
Most
significant
nibble
AFI
Least
significant
nibble
Meaning
VICCs respond from
Examples / Note
‘0’
‘0’
All families and subfamilies
No applicative preselection
‘X’
'0
'All subfamilies of family X
Wide applicative preselection
'X
'‘Y’
Only the Yth subfamily of family X
‘0’
‘Y’
Proprietary subfamily Y only
‘1
'‘0’, ‘Y’
Transport
Mass transit, Bus, Airline,...
'2
'‘0’, ‘Y’
Financial
IEP, Banking, Retail,...
'3
'‘0’, ‘Y’
Identification
Access Control,...
'4
'‘0’, ‘Y’
Telecommunication
Public Telephony, GSM,...
‘5’
‘0’, ‘Y’
Medical
'6
'‘0’, ‘Y’
Multimedia
Internet services....
'7
'‘0’, ‘Y’
Gaming
8
'‘0’, ‘Y’
Data Storage
Portable Files,...
'9
'‘0’, ‘Y’
Item Management
'A
'‘0’, ‘Y’
Express Parcels
'B
'‘0’, ‘Y’
Postal Services
'C
'‘0’, ‘Y’
Airline Bags
'D
'‘0’, ‘Y’
RFU
'E
'‘0’, ‘Y’
RFU
‘F’
‘0’, ‘Y’
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com