Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2010D Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPXM2010D
Description  Water Level Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2010D Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPXM2010D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AN1950
Sensors
Freescale Semiconductor
9
warm:
brclr 1,porta,PB1 ;check for SEL
brclr 2,porta,PB2 ;or for ENT
bclr 4,porta
;otherwise
bset 5,porta
;turn on "SEL" LED
jsr del100ms
;delay
bset 4,porta
;toggle LEDs
bclr 5,porta
;"ENT" now on: means choice is SEL ***or*** ENT
jsr del100ms
;delay and repeat until SEL or ENT
bra warm
PB1:
inc RA
;***SEL*** toggles menu choices
lda RA
cmp #$02
;menu choices are $00 and $01
bne PB1ok
clr RA
;back to $00 when all others have been offered
PB1ok: bclr 4,porta
bclr 5,porta
;LEDs off
jsr del100ms
;wait a little bit
brclr 1,porta,PB1ok ;make sure they let go of SEL
bra luke
PB2:
bclr 4,porta
;***ENT*** confirms menu choice
bclr 5,porta
;LEDs off
lda RA
;get menu choice
bne skip00
jmp LEVEL
;do ===LEVEL=== if choice=$01
skip00: jmp UNITS
;do ===UNITS=== if choice=$00
;__________________________________________________________
;__________________________________________________________
CALIB: lda #$01
jsr lcdcmdo
clr ram0
ldhx #msg05
;===CALIB=== 2-point calibration
jsr lcdstro
;Calibration current values
lda N1
;0mm
jsr lcdbyto
lda #'/'
jsr lcdchro
lda N2
;160mm
jsr lcdbyto
bset 4,porta
bset 5,porta
;LEDs on
lego1: brclr 1,porta,lego1
lego2: brclr 2,porta,lego2
bclr 4,porta
bclr 5,porta
;LEDs off when both SEL & ENT are released
jsr del1s
jsr del1s
;wait 2s
ldhx #msg05a
jsr lcdstro
;show instructions
waitPB1: brset 2,porta,no2 ;if ENT is not pressed, skip
jmp nocalib
;if ENT is pressed then cancel calibration
no2:
brclr 1,porta,do1st ;if SEL is pressed then do 1st point cal
bra waitPB1
;otherwise wait for SEL or ENT
do1st: ldhx #msg05b
;1st point cal: show values
jsr lcdstro
clr CNT
;CNT will count 256 A/D readings
clr RB
clr RA
;RB:RA will contain 16-bit add-up of those 256 values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com