Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2010D Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXM2010D
Description  Water Level Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2010D Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXM2010D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Freescale Semiconductor, Inc., 2006. All rights reserved.
AN1950
Rev 4, 11/2006
Freescale Semiconductor
Application Note
Water Level Monitoring
by: Michelle Clifford, Applications Engineer
Sensor Products, Tempe, AZ
INTRODUCTION
Many washing machines currently in production use a
mechanical sensor for water level detection. Mechanical
sensors work with discrete trip points enabling water level
detection only at those points. The purpose for this reference
design is to allow the user to evaluate a pressure sensor for
not only water level sensing to replace a mechanical switch,
but also for water flow measurement, leak detection, and other
solutions for smart appliances. This system continuously
monitors water level and water flow using the temperature
compensated MPXM2010GS pressure sensor in the low cost
MPAK package, a dual op-amp, and the MC68HC908QT4,
eight-pin microcontroller.
SYSTEM DESIGN
Pressure Sensor
The pressure sensor family has three levels of integration
— Uncompensated, Compensated and
Integrated. For this design, the MPXM2010GS compensated
pressure sensor was selected because it has both
temperature compensation and calibration circuitry on the
silicon, allowing a simpler, yet more robust, system circuit
design. An integrated pressure sensor, such as the
MPXV5004G, is also a good choice for the design eliminating
the need for the amplification circuitry.
Figure 1. Water Level Reference Design Featuring a
Pressure Sensor
The height of most washing machine tubs is 40 cm,
therefore the water height range that this system will be
measuring is between 0–40 cm. This corresponds to a
pressure range of 0–4 kPa. Therefore, the MPXM2010GS
was selected for this system. The sensor sensitivity is
2.5 mV/kPa, with a full-scale span of 25 mV at the supply
voltage of 10 VDC. The full-scale output of the sensor changes
linearly with supply voltage, so a supply voltage of 5 V will
return a full-scale span of 12.5 mV.
(VS actual / VS spec) * VOUT full-scale spec = VOUT full-scale
(5.0 V/ 10 V) x 25 mV = 12.5 mV
Since this application will only be utilizing 40 percent of the
pressure range, 0–4kPa, our maximum output voltage will be
40 percent of the full-scale span.
VOUT FS * (Percent FS Range) = VOUT max
12.5 mV * 40% = 5.0 mV
The package of the pressure sensor is a ported MPAK
package. This allows a tube to be connected to the sensor and
the tube is connected to the bottom of the tub. This isolates the
sensor from direct contact with the water. The small size and
low cost are additional features making this package a perfect
fit for this application.
Figure 2. A Ported Pressure Sensor


Similar Part No. - MPXM2010D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXM2010D MOTOROLA-MPXM2010D Datasheet
91Kb / 8P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
MPXM2010D MOTOROLA-MPXM2010D Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPXM2010D FREESCALE-MPXM2010D Datasheet
259Kb / 9P
10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2010D FREESCALE-MPXM2010D Datasheet
352Kb / 17P
10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPXM2010D NXP-MPXM2010D Datasheet
420Kb / 17P
10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 13, 10/2008
More results

Similar Description - MPXM2010D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DFB01CM24 ETC2-DFB01CM24 Datasheet
112Kb / 3P
Monitoring Relays Frequency Monitoring
logo
Fujikura Ltd.
FPOW-08G FUJIKURA-FPOW-08G Datasheet
95Kb / 2P
Unit/Water level sensor
logo
Cynergy3 Co
RSF10 CYNERGY3-RSF10 Datasheet
465Kb / 1P
high level switch for boiling water
logo
Magnetrol International...
B24-1B10-KOG MAGNETROL-B24-1B10-KOG Datasheet
256Kb / 8P
C24, C25, Boiler and Water Column Liquid Level Switches
logo
Fuji Electric
EDS7-65D FUJI-EDS7-65D Datasheet
167Kb / 4P
WATER LEVEL TRANSMITTER
logo
Cynergy3 Co
IWSL CYNERGY3-IWSL Datasheet
1Mb / 2P
Water approved Submersible Level Transmitter - Silicon Sensor
RSF20 CYNERGY3-RSF20 Datasheet
58Kb / 1P
Low level switch for boiling water
logo
IK Semicon Co., Ltd
KL34018 IKSEMICON-KL34018 Datasheet
1Mb / 14P
Background noise level monitoring with long time constant
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
Electronic monitoring relay for temperature monitoring
logo
OSRAM GmbH
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
Health Monitoring (Heart Rate Monitoring,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com