Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2010D Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPXM2010D
Description  Water Level Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2010D Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPXM2010D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXM2010D Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AN1950
Sensors
Freescale Semiconductor
11
validcal: ldhx #N2
jsr wrflash
;burn N2 into flash
ldhx #msg05
;and display new current cal values from flash
jsr lcdstro
lda N1
;0mm value
jsr lcdbyto
lda #'/'
jsr lcdchro
lda N2
;160mm value
jsr lcdbyto
jsr del1s
jsr del1s
jmp nocalib
;done!
;__________________________________________________________
;__________________________________________________________
LEVEL: lda #$01
;===LEVEL=== main routine: displays level, flow & graphics
jsr lcdcmdo
;clear screen
lda #$0C
jsr lcdcmdo
;cursor off
lda #$88
;position cursor at LCD graphics portion
jsr lcdcmdo
;(2nd half of first line)
clra
;and write ascii $00 through $07
fillgfx: jsr lcdchro
;which contain the graphics related to
inca
;40 different readings
cmp #$08
;do all 8
bne fillgfx
LVL:
ldhx #ramfree
;point to 40 pressure readings
lda #$28
;count down from 40
purge: clr 0,x
;clear all those locations
incx
;next (H cannot change: we are in page0 RAM)
dbnza purge
jsr adcbyta
;get averaged A/D reading (i.e. NX)
jsr LfNx
;convert to level and
sta Lgfx
;store in "Level graphics"
LVLwarm: bset 4,porta
bset 5,porta
;LEDs on during this cycle
ldhx #ramfree
;point to 40 pressure readings
mov #$27,RA
;count down from 39
shiftgfx: lda 1,x
;take location+1
sta 0,x
;and move to location+0, i.e. shift graphics left
incx
;next X (once again: we are in page 0, no need to worry about H)
dbnz RA,shiftgfx ;do this 39x
jsr adcbyta
;get averaged A/D reading (i.e. NX)
jsr LfNx
;LX:=(NX-N1)*ConversionValue/(N2-N1)
mov RA,OA
;store result in OA
clr RB
;RB will contain graphic pixels (default=$00)
cmp UnitEmpt
;if <UnitEmpty (preset value = empty or almost)
bcs Lzero
;then "empty" (no pixels)
cmp UnitFull
;if >=UnitFull (preset value = full or almost)
bcc Lsat
;then "full" (pixel $80=bit 7)
clrh
;otherwise determine one of 8 graphic values
ldx UnitDiv
;UnitDiv is roughly full range/8
div
;in order to give 8 values
mov #$01,RB
;but now value has to be converted to pixel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com