Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC806 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC806
Description  600 V power Schottky silicon carbide diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC806 Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC806 Datasheet HTML 1Page - STMicroelectronics STPSC806 Datasheet HTML 2Page - STMicroelectronics STPSC806 Datasheet HTML 3Page - STMicroelectronics STPSC806 Datasheet HTML 4Page - STMicroelectronics STPSC806 Datasheet HTML 5Page - STMicroelectronics STPSC806 Datasheet HTML 6Page - STMicroelectronics STPSC806 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 2009
Doc ID 16286 Rev 1
1/7
7
STPSC806
600 V power Schottky silicon carbide diode
Features
■ No or negligible reverse recovery
■ Switching behavior independent of
temperature
■ Particularly suitable in PFC boost diode
function
Description
The SiC diode is an ultrahigh performance power
Schottky diode. It is manufactured using a silicon
carbide substrate. The wide bandgap material
allows the design of a Schottky diode structure
with a 600 V rating. Due to the Schottky
construction no recovery is shown at turn-off and
ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of
temperature.
ST SiC diodes will boost the performance of PFC
operations in hard switching conditions.
Table 1.
Device summary
IF(AV)
8 A
VRRM
600 V
Tj (max)
175 °C
QC (typ)
10 nC
K
A
TO-220AC
STPSC806D
www.st.com


Similar Part No. - STPSC806

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065-Y STMICROELECTRONICS-STPSC8065-Y Datasheet
506Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065DY STMICROELECTRONICS-STPSC8065DY Datasheet
506Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC806D STMICROELECTRONICS-STPSC806D Datasheet
96Kb / 7P
600 V power Schottky silicon carbide diode
05-May-2008
More results

Similar Description - STPSC806

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC806D STMICROELECTRONICS-STPSC806D Datasheet
96Kb / 7P
600 V power Schottky silicon carbide diode
05-May-2008
STPSC1006D STMICROELECTRONICS-STPSC1006D Datasheet
96Kb / 7P
600 V power Schottky silicon carbide diode
05-May-2008
STPSC406 STMICROELECTRONICS-STPSC406 Datasheet
108Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC606 STMICROELECTRONICS-STPSC606 Datasheet
106Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC1206D STMICROELECTRONICS-STPSC1206D Datasheet
89Kb / 7P
600 V power Schottky silicon carbide diode
28-Sep-2009
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC2006CW STMICROELECTRONICS-STPSC2006CW Datasheet
80Kb / 7P
600 V power Schottky silicon carbide diode
01-Mar-2011
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC1206 STMICROELECTRONICS-STPSC1206 Datasheet
89Kb / 7P
600 V power Schottky silicon carbide diode
September 2009 Rev 1
logo
WOLFSPEED, INC.
CSD01060A WOLFSPEED-CSD01060A Datasheet
1Mb / 9P
600 V, 1 A Silicon Carbide Schottky Diode
Rev. 18, March 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com