Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC806 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC806
Description  600 V power Schottky silicon carbide diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC806 Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC806 Datasheet HTML 1Page - STMicroelectronics STPSC806 Datasheet HTML 2Page - STMicroelectronics STPSC806 Datasheet HTML 3Page - STMicroelectronics STPSC806 Datasheet HTML 4Page - STMicroelectronics STPSC806 Datasheet HTML 5Page - STMicroelectronics STPSC806 Datasheet HTML 6Page - STMicroelectronics STPSC806 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STPSC806
Characteristics
Doc ID 16286 Rev 1
3/7
Figure 1.
Forward voltage drop versus
forward current (typical values)
Figure 2.
Reverse leakage current versus
reverse voltage applied
(maximum values)
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
FM(A)
T
j=150 °C
T
j=150 °C
T
j=175 °C
T
j=175 °C
T
j=25 °C
T
j=25 °C
VFM(V)
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
50
100
150
200
250
300
350
400
450
500
550
600
I
R(µA)
T
j=25 °C
T
j=25 °C
T
j=150 °C
T
j=150 °C
T
j=175 °C
T
j=175 °C
VR(V)
Figure 3.
Peak forward current versus case
temperature
Figure 4.
Junction capacitance versus
reverse voltage applied
(typical values)
0
10
20
30
40
50
60
70
0
25
50
75
100
125
150
175
I
M(A)
T
δ=tp/T
tp
δ=0.1
δ=0.3
δ=0.5
δ=0.7
δ=1
TC(°C)
0
50
100
150
200
250
300
350
1
10
100
1000
C(pF)
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
VR(V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com