Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC806 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSC806
Description  600 V power Schottky silicon carbide diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC806 Datasheet(HTML) 2 Page - STMicroelectronics

  STPSC806 Datasheet HTML 1Page - STMicroelectronics STPSC806 Datasheet HTML 2Page - STMicroelectronics STPSC806 Datasheet HTML 3Page - STMicroelectronics STPSC806 Datasheet HTML 4Page - STMicroelectronics STPSC806 Datasheet HTML 5Page - STMicroelectronics STPSC806 Datasheet HTML 6Page - STMicroelectronics STPSC806 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STPSC806
2/7
Doc ID 16286 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.2 x IF(AV) + 0.113 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values at 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS) Forward rms current
18
A
IF(AV)
Average forward current
Tc = 115 °C, δ = 0.5
8
A
IFSM
Surge non repetitive forward
current
tp = 10 ms sinusoidal, Tc = 25 °C
tp = 10 ms sinusoidal, Tc = 125 °C
tp = 10 µs square, Tc = 25 °C
30
24
120
A
IFRM
Repetitive peak forward current TC = 115 °C, Tj = 150 °C, δ = 0.1,
30
A
Tstg
Storage temperature range
-55 to +175
°C
Tj
Operating junction temperature
-40 to +175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Maximum value
Unit
Rth(j-c)
Junction to case
2.4
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
tp = 10 ms, δ < 2%
Reverse leakage
current
Tj = 25 °C
VR = VRRM
-20
100
µA
Tj = 150 °C
-
150
1000
VF
(2)
2.
tp = 500 µs, δ < 2%
Forward voltage drop
Tj = 25 °C
IF = 8 A
-1.4
1.7
V
Tj = 150 °C
-
1.6
2.1
Table 5.
Other parameters
Symbol
Parameter
Test conditions
Typ.
Unit
Qc
Total capacitive charge
Vr = 400 V, IF = 8 A dIF/dt = -200 A/µs
Tj = 150 °C
10
nC
C
Total capacitance
Vr = 0 V, Tc = 25 °C, F = 1 Mhz
450
pF
Vr = 400 V, Tc = 25 °C, F = 1 Mhz
35



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com