Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC970FDH Datasheet(PDF) 27 Page - NXP Semiconductors

Part # P89LPC970FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970FDH Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button P89LPC970FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
P89LPC97X_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 April 2010
27 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
7.17 Power management
The P89LPC970/971/972 support a variety of power management features.
Power-on detect and brownout detect are designed to prevent incorrect operation during
initial power-up and power loss or reduction during operation.
The P89LPC970/971/972 support three different power reduction modes: Idle mode,
Power-down mode, and total Power-down mode. In addition, individual on-chip
peripherals can be disabled to eliminate unnecessary dynamic power use in any
peripherals that are not required for the application.
Integrated PMU automatically adjusts internal regulators to minimize power consumption
during Idle mode, Power-down mode and total Power-down mode. In addition, the power
consumption can be further reduced in Normal or Idle mode through configuring
regulators mode according to the applications.
7.17.1 Brownout detection
The brownout detect function determines if the power supply voltage drops below a
certain level. Enhanced brownout detection has 3 independent functions: BOD reset,
BOD interrupt and BOD flash.
These three functions are disabled in Power-down mode and Total Power-down mode. In
Normal or Idle mode, BOD reset and BOD flash are always on and can not be disabled in
software. BOD interrupt may be enabled or disabled in software.
BOD reset and BOD interrupt, each has 6 levels. BOE0 to BOE2 (UCFG1[3:5]) are used
as trip point configuration bits of BOD reset. BOICFG0 to BOICFG2 in register BODCFG
are used as trip point configuration bits of BOD interrupt.
BOD reset voltage should be lower than BOD interrupt trip point. BOD flash is used for
flash programming/erase protection and has only 1 trip point at 2.4 V. Please refer to
P89LPC970/971/972 User manual for detail configurations.
If brownout detection works, the brownout condition occurs when VDD falls below the
brownout falling trip voltage and is negated when VDD rises above the brownout rising trip
voltage.
For correct activation of brownout detect, the VDD rise and fall times must be observed.
Please see Table 11 “Static characteristics” for specifications.
Table 8.
SPI/I2C/UART pin remap
Peripherals
Function
Primary pin out
Alternative pin out
SPI
SPICLK
-
P0.0
MOSI
-
P1.7
MISO
-
P1.6
SS
-
P1.4
I2C
SDA
P1.3
-
SCL
P1.2
-
UART
TXD
P1.0
-
RXD
P1.1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com