Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC970FDH Datasheet(PDF) 48 Page - NXP Semiconductors

Part # P89LPC970FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970FDH Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button P89LPC970FDH Datasheet HTML 44Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 45Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 46Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 47Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 48Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 49Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 50Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 51Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
P89LPC97X_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 April 2010
48 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
IDD(tpd)
total Power-down
mode supply
current
VDD =2.4 V
[3] -1
5
μA
VDD =3.3 V
[3] -1
5
μA
VDD =5.5 V
[3] -1
5
μA
(dV/dt)r
rise rate
of VDD; to ensure power-on reset signal
5
-
5000
V/S
(dV/dt)f
fall rate
of VDD
--
50
mV/
μs
VPOR
power-on reset
voltage
--
0.5
V
VDDR
data retention
supply voltage
1.5
-
-
V
Vth(HL)
HIGH-LOW
threshold voltage
except SCL, SDA
0.22VDD
0.4VDD
-V
VIL
LOW-level input
voltage
SCL, SDA only
−0.5
-
0.4VDD
V
Vth(LH)
LOW-HIGH
threshold voltage
except SCL, SDA
-
0.6VDD
0.7VDD
V
VIH
HIGH-level input
voltage
SCL, SDA only
0.55VDD
-5.5
V
Vhys
hysteresis voltage
port 1
-
0.2VDD
-V
VOL
LOW-level output
voltage
IOL =20mA; VDD =2.4 Vto 5.5V
all ports, all modes except high-Z
[4] -0.6
1.0
V
IOL =3.2 mA; VDD = 2.4 V to 5.5 V
all ports, all modes except high-Z
[4] -0.2
0.3
V
VOH
HIGH-level output
voltage
IOH = −20 μA; VDD = 2.4 V to 5.5 V;
all ports, quasi-bidirectional mode
VDD − 0.3 VDD − 0.2
-
V
IOH = −3.2 mA; VDD = 2.4 V to 5.5 V;
all ports, push-pull mode
VDD − 0.7 VDD − 0.4
-
V
IOH = −10 mA; VDD = 2.4 V to 5.5 V; all
ports, push-pull mode
-VDD − 0.5
-
V
Vxtal
crystal voltage
on XTAL1, XTAL2 pins when
XTAL1/XTAL2 is used as crystal
input/output; with respect to VSS
−0.5
-
+4.0
V
on XTAL1, XTAL2 pins when
XTAL1/XTAL2 is used as GPIO; with
respect to VSS
−0.5
-
+5.5
V
Vn
voltage on any
other pin
with respect to VSS
[5]
−0.5
-
+5.5
V
Ciss
input capacitance
[6] -
-
15
pF
IIL
LOW-level input
current
VI =0.4 V
[7] --
−80
μA
ILI
input leakage
current
VI =VIL, VIH, or Vth(HL)
[8] --
±1
μA
ITHL
HIGH-LOW
transition current
all ports; VI = 1.5 V at VDD =5.5 V
[9]
−30
-
−450
μA
Table 11.
Static characteristics …continued
VDD = 2.4 V to 5.5 V unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com