Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC970FDH Datasheet(PDF) 28 Page - NXP Semiconductors

Part # P89LPC970FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970FDH Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button P89LPC970FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 31Page - NXP Semiconductors P89LPC970FDH Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
P89LPC97X_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 April 2010
28 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
7.17.2 Power-on detection
The Power-on detect has a function similar to the brownout detect, but is designed to work
as power comes up initially to ensure that the device is reset from Power-on. The POF
flag in the RSTSRC register is set to indicate an initial power-up condition. The POF flag
will remain set until cleared by software.
7.17.3 Power reduction modes
The P89LPC970/971/972 supports three different power reduction modes. These modes
are Idle mode, Power-down mode, and total Power-down mode.
7.17.3.1
Idle mode
Idle mode leaves peripherals running in order to allow them to activate the processor
when an interrupt is generated. Any enabled interrupt source or reset may terminate Idle
mode.
7.17.3.2
Power-down mode
The Power-down mode stops the oscillator in order to minimize power consumption.
Brownout detection circuitry is disabled. The P89LPC970/971/972 exits Power-down
mode via any reset, or certain interrupts.
Some chip functions continue to operate and draw power during Power-down mode,
increasing the total power used during power-down. These include: Brownout detect,
watchdog timer, comparators and RTC/system timer (note that watchdog timer,
comparators and RTC/system timer can be powered down separately). The internal RC
oscillator is disabled unless both the RC oscillator has been selected as the system clock
and the RTC is enabled.
7.17.3.3
Total Power-down mode
The total Power-down mode is a deeper power reduction mode. Brownout detection
circuitry and analog comparators are disabled, as well as the internal RC oscillator.
Please use an external low frequency clock or 25 kHz watchdog oscillator to achieve low
power with the RTC running during power-down.
7.17.4 Regulators
Internal regulators can be adjusted automatically to minimize power consumption during
different power reduction modes. In Normal or Idle modes, power consumption can be
further reduced by configuring PMUCON register.
In Normal or Idle mode, regulators have two operation modes: High-speed mode and Low
current mode.
The regulators can be configured to Low current mode to reduce the power consumption.
After power-on-reset, internal regulators enter into High-speed mode as default.
PMUCON register is used to configure the regulators operation modes. LPMOD bit is
used to select the regulator’s mode and HCOK bit indicates whether the switch completed
or not. When switching back to high speed mode, first clear LPMOD bit to select high
speed mode, then check HCOK bit. If HCOK bit turns to ‘1’, it means the switch was
completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com