Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4B3 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM8S105C4B3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM8S105C4B3 Datasheet HTML 66Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 67Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 68Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 69Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 70Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 71Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 72Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 73Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 127 page
background image
Unit
Max at
125
°C
(1)
Max
at 85
°C
(1)
Typ
Conditions
Parameter
Symbol
Clock source
Flash
mode
(3)
Main
voltage
regulator
(MVR)
(2)
630
HSE crystal
osc.
Power-down
mode
(16 MHz)
350
270
140
LSI RC osc.
(128 kHz)
220
120
66
LSI RC osc.
(128 kHz)
Operating
mode
Off
150
60
10
Power-down
mode
(1) Data based on characterization results, not tested in production.
(2) Configured by the REGAH bit in the CLK_ICKR register.
(3) Configured by the AHALT bit in the FLASH_CR1 register.
Total current consumption in halt mode
10.3.2.4
Table 27: Total current consumption in halt mode at VDD = 5 V
Unit
Max at
125
°C
(1)
Max at
85 °C
(1)
Typ
Conditions
Parameter
Symbol
µA
150
90
62
Flash in operating mode, HSI
clock after wakeup
Supply current
in halt mode
IDD(H)
80
25
6.5
Flash in powerdown mode,
HSI clock after wakeup
(1) Data based on characterization results, not tested in production.
DocID14771 Rev 9
70/127
STM8S105xx
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com