Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4B3 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM8S105C4B3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM8S105C4B3 Datasheet HTML 69Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 70Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 71Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 72Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 73Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 74Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 75Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 76Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 127 page
background image
Unit
Typ.
Parameter
Symbol
65
I
2C supply current (2)
IDD(I
2
C)
955
ADC1 supply current when converting
(3)
IDD(ADC1)
(1) Data based on a differential I
DD measurement between reset configuration and timer
counter running at 16 MHz. No IC/OC programmed (no I/O pads toggling). Not tested in
production.
(2) Data based on a differential I
DD measurement between the on-chip peripheral when kept
under reset and not clocked and the on-chip peripheral when clocked and not kept under
reset. No I/O pads toggling. Not tested in production.
(3) Data based on a differential I
DD measurement between reset configuration and continuous
A/D conversions. Not tested in production.
Current consumption curves
10.3.2.8
The following figures show typical current consumption measured with code executing in
RAM.
Figure 13: Typ. IDD(RUN) vs. VDD , HSE user external clock, fCPU = 16 MHz
73/127
DocID14771 Rev 9
Electrical characteristics
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com