Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4B3 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM8S105C4B3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM8S105C4B3 Datasheet HTML 75Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 76Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 77Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 78Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 79Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 80Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 81Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 82Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 127 page
background image
Unit
Max
Typ
Min
Conditions
Parameter
Symbol
1.0
-1.0
VDD = 5 V, TA = 25°C
(3)
Accuracy of HSI
oscillator (factory
calibrated)
2.0
-2.0
VDD = 5 V, 25 °C ≤ TA ≤
85 °C
3.0
(3)
-3.0
(3)
2.95 ≤ VDD≤ 5.5 V,-40 °C
≤ TA ≤ 125 °C
µs
1.0
(2)
HSI oscillator
wakeup time
including calibration
tsu(HSI)
µA
250
(3)
170
HSI oscillator power
consumption
IDD(HSI)
(1) Refer to application note.
(2) Guaranteed by design, not tested in production.
(3) Data based on characterization results, not tested in production.
Figure 21: Typical HSI accuracy at VDD = 5 V vs 5 temperatures
79/127
DocID14771 Rev 9
Electrical characteristics
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com