Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9331 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89LPC9331
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89LPC9331 Datasheet HTML 17Page - NXP Semiconductors P89LPC9331 Datasheet HTML 18Page - NXP Semiconductors P89LPC9331 Datasheet HTML 19Page - NXP Semiconductors P89LPC9331 Datasheet HTML 20Page - NXP Semiconductors P89LPC9331 Datasheet HTML 21Page - NXP Semiconductors P89LPC9331 Datasheet HTML 22Page - NXP Semiconductors P89LPC9331 Datasheet HTML 23Page - NXP Semiconductors P89LPC9331 Datasheet HTML 24Page - NXP Semiconductors P89LPC9331 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 6.
Special function registers - P89LPC9351/9361
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary
Bit address
E7
E6
E5
E4
E3
E2
E1
E0
ACC*
Accumulator
E0H
00
0000 0000
ADCON0
A/D control
register 0
8EH
ENBI0
ENADCI0
TMM0
EDGE0
ADCI0
ENADC0
ADCS01
ADCS00
00
0000 0000
ADCON1
A/D control
register 1
97H
ENBI1
ENADCI1
TMM1
EDGE1
ADCI1
ENADC1
ADCS11
ADCS10
00
0000 0000
ADINS
A/D input select
A3H
ADI13
ADI12
ADI11
ADI10
ADI03
ADI02
ADI01
ADI00
00
0000 0000
ADMODA
A/D mode
register A
C0H
BNDI1
BURST1
SCC1
SCAN1
BNDI0
BURST0
SCC0
SCAN0
00
0000 0000
ADMODB
A/D mode
register B
A1H
CLK2
CLK1
CLK0
INBND0
ENDAC1
ENDAC0
BSA1
BSA0
00
000x 0000
AD0BH
A/D_0 boundary
high register
BBH
FF
1111 1111
AD0BL
A/D_0 boundary
low register
A6H
00
0000 0000
AD0DAT0
A/D_0 data
register 0
C5H
00
0000 0000
AD0DAT1
A/D_0 data
register 1
C6H
00
0000 0000
AD0DAT2
A/D_0 data
register 2
C7H
00
0000 0000
AD0DAT3
A/D_0 data
register 3
F4H
00
0000 0000
AD1BH
A/D_1 boundary
high register
C4H
FF
1111 1111
AD1BL
A/D_1 boundary
low register
BCH
00
0000 0000
AD1DAT0
A/D_1 data
register 0
D5H
00
0000 0000
AD1DAT1
A/D_1 data
register 1
D6H
00
0000 0000
AD1DAT2
A/D_1 data
register 2
D7H
00
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com