Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9331 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P89LPC9331
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331 Datasheet(HTML) 4 Page - NXP Semiconductors

  P89LPC9331 Datasheet HTML 1Page - NXP Semiconductors P89LPC9331 Datasheet HTML 2Page - NXP Semiconductors P89LPC9331 Datasheet HTML 3Page - NXP Semiconductors P89LPC9331 Datasheet HTML 4Page - NXP Semiconductors P89LPC9331 Datasheet HTML 5Page - NXP Semiconductors P89LPC9331 Datasheet HTML 6Page - NXP Semiconductors P89LPC9331 Datasheet HTML 7Page - NXP Semiconductors P89LPC9331 Datasheet HTML 8Page - NXP Semiconductors P89LPC9331 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
P89LPC9331_9341_9351_9361_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2009
4 of 93
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
4.
Block diagram
(1) P89LPC9351/9361
(2) PGA1 on P89LPC9351/9361
(3) PGA0 on P89LPC9351/9361
Fig 1.
Block diagram
ACCELERATED 2-CLOCK 80C51 CPU
4 kB/8 kB/16 kB
CODE FLASH
256-BYTE
DATA RAM
PORT 2
CONFIGURABLE I/Os
PORT 1
CONFIGURABLE I/Os
PORT 0
CONFIGURABLE I/Os
KEYPAD
INTERRUPT
PROGRAMMABLE
OSCILLATOR DIVIDER
CPU
clock
CONFIGURABLE
OSCILLATOR
ON-CHIP RC
OSCILLATOR
WITH CLOCK
DOUBLER
internal bus
POWER MONITOR
(POWER-ON RESET,
BROWNOUT RESET)
002aad555
UART
ANALOG
COMPARATORS
512-BYTE
AUXILIARY RAM(1)
I2C-BUS
512-BYTE
DATA EEPROM(1)
PORT 3
CONFIGURABLE I/Os
CCU (CAPTURE/
COMPARE UNIT)(1)
P89LPC9331/9341/9351/9361
WATCHDOG TIMER
AND OSCILLATOR
TIMER 0
TIMER 1
REAL-TIME CLOCK/
SYSTEM TIMER
SPI
ADC1/DAC1(2)
ADC0/TEMP
SENSOR/DAC0(3)
P3[1:0]
P2[7:0]
P1[7:0]
P0[7:0]
TXD
RXD
SCL
SDA
T0
T1
CMP2
CIN2B
CIN2A
CMP1
CIN1A
CIN1B
OCA
OCB
OCC
OCD
ICA
AD10
AD11
AD12
AD13
DAC1
AD00
AD01
AD02
AD03
DAC0
ICB
SPICLK
MOSI
MISO
SS
CRYSTAL
OR
RESONATOR
XTAL2
XTAL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com