Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9331 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # P89LPC9331
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button P89LPC9331 Datasheet HTML 60Page - NXP Semiconductors P89LPC9331 Datasheet HTML 61Page - NXP Semiconductors P89LPC9331 Datasheet HTML 62Page - NXP Semiconductors P89LPC9331 Datasheet HTML 63Page - NXP Semiconductors P89LPC9331 Datasheet HTML 64Page - NXP Semiconductors P89LPC9331 Datasheet HTML 65Page - NXP Semiconductors P89LPC9331 Datasheet HTML 66Page - NXP Semiconductors P89LPC9331 Datasheet HTML 67Page - NXP Semiconductors P89LPC9331 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
P89LPC9331_9341_9351_9361_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2009
64 of 93
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
An early detection mechanism exists when the interrupt criteria has been selected to be
outside the boundary limits. In this case, after the four MSBs have been converted, these
four bits are compared with the four MSBs of the boundary high and low registers. If the
four MSBs of the conversion meet the interrupt criteria (i.e., outside the boundary limits)
an interrupt will be generated, if enabled. If the four MSBs do not meet the interrupt
criteria, the boundary limits will again be compared after all 8 bits have been converted.
The boundary status register (BNDSTA0) flags the channels which caused a boundary
interrupt.
8.9 DAC output to a port pin with high output impedance
Each ADC’s DAC block can be output to a port pin. In this mode, the ADxDAT3 register is
used to hold the value fed to the DAC. After a value has been written to the DAC (written to
ADxDAT3), the DAC output will appear on the channel 3 pin.
8.10 Clock divider
The ADC requires that its internal clock source be in the range of 320 kHz to 8 MHz to
maintain accuracy. A programmable clock divider that divides the clock from 1 to 8 is
provided for this purpose.
8.11 Power-down and Idle mode
In Idle mode the ADC, if enabled, will continue to function and can cause the device to exit
Idle mode when the conversion is completed if the A/D interrupt is enabled. In
Power-down mode or Total Power-down mode, the A/D, PGA and temperature sensor do
not function. If the PGAs, temperature sensor or the A/D are enabled, they will consume
power. Power can be reduced by disabling the PGA, temperature sensor and A/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com