Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX258CJM4A Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 91Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 92Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 93Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 94Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 95Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 96Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 97Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 98Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
Freescale Semiconductor
95
Figure 67. PWM Timing
3.7.14
Subscriber Identity Module (SIM) Timing
Each SIM module interface consists of a total of 12 pins (two separate ports, each containing six signals).
Typically a port uses five signals.
The interface is designed to be used with synchronous SIM cards, meaning the SIM module provides the
clock used by the SIM card. The clock frequency is typically 372 times the Tx/Rx data rate; however, the
SIM module can also work with CLK frequencies of 16 times the Tx/Rx data rate.
There is no timing relationship between the clock and the data. The clock that the SIM module provides
to the SIM card is used by the SIM card to recover the clock from the data in the same manner as standard
UART data exchanges. All six signals (five for bidirectional Tx/Rx) of the SIM module are asynchronous
with each other.
There are no required timing relationships between signals in normal mode. The SIM card is initiated by
the interface device; the SIM card responds with Answer to Reset. Although the SIM interface has no
defined requirements, the ISO/IEC 7816 defines reset and power-down sequences (for detailed
information see ISO/IEC 7816).
Table 71. PWM Output Timing Parameter
Ref No.
Parameter
Minimum
Maximum
Unit
1
System CLK frequency1
1 CL of PWMO = 30 pF
0
ipg_clk
MHz
2a
Clock high time
12.29
—
ns
2b
Clock low time
9.91
—
ns
3a
Clock fall time
—
0.5
ns
3b
Clock rise time
—
0.5
ns
4a
Output delay time
—
9.37
ns
4b
Output setup time
8.71
—
ns
4a
PWM Source Clock
2a
1
PWM Output
2b
3a
3b
4b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com