Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX258CJM4A Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 92Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 93Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 94Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 95Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 96Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 97Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 98Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 99Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
96
Freescale Semiconductor
Figure 68. SIM Clock Timing Diagram
Table 72 defines the general timing requirements for the SIM interface.
Table 72. Timing Specifications, High Drive Strength
ID
Parameter
Symbol
Min.
Max.
Unit
SI1
SIM clock frequency (SIMx_CLKy)1
1 50% duty cycle clock,
Sfreq
0.01
25
MHz
SI2
SIM clock rise time (SIMx_CLKy)2
2 With C = 50 pF
Srise
—0.09
× (1/Sfreq)ns
SI3
SIM clock fall time (SIMx_CLKy)3
3 With C = 50 pF
Sfall
—0.09
× (1/Sfreq)ns
SI4
SIM input transition time (SIMx_DATAy_RX_TX, SIMx_SIMPDy)
Strans
10
25
ns
SI5
SIM I/O rise time / fall time (SIMx_DATAy_RX_TX)4
4 With Cin = 30 pF, Cout = 30 pF,
Tr/Tf
—
1
us
SI6
SIM RST rise time / fall time (SIMx_RSTy)5
5 With Cin = 30 pF,
Tr/Tf
—
1
us
SIMx_CLKy
1/SI1
SI4
SI4
SIMx_DATAy_TX_RX
SIMx_SIMPDy
SI5
SI5
SIMx_DATAy_TX_RX
SI6
SI6
SIMx_RSTy
SI2
SI3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com