Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX258CJM4A Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 94Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 95Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 96Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 97Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 98Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 99Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 100Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 101Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
98
Freescale Semiconductor
Figure 70. Active-Low-Reset SIM Card Reset Sequence
Table 74 defines the general timing requirements for the SIM interface.
3.7.14.2
SIM Power-Down Sequence
Figure 71 shows the SIM interface power-down AC timing diagram. Table 75 shows the timing
requirements for parameters (SI7–SI10) shown in the figure.
The power-down sequence for the SIM interface is as follows:
•SIMx_SIMPDy port detects the removal of the SIM Card
•SIMx_RSTy is negated
•SIMx_CLKy is negated
•SIMx_DATAy_RX_TX is negated
•SIMx_SVENy is negated
Each of the above steps requires one CKIL period (usually 32 kHz). Power-down may be initiated by a
SIM card removal detection; or it may be launched by the processor.
Table 74. Timing Specifications, Active-Low-Reset SIM Card Reset Sequence
Ref No.
Min.
Max.
Unit
1
—
200
clk cycles
2
400
40,000
clk cycles
3
40,000
—
clk cycles
SIMx_SVENy
SIMx_CLKy
SIMx_DATAy_RX_TX
2
T0
1
RESPONSE
SIMx_RSTy
T1
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com